Electronic Components Datasheet Search
  English  ▼

X  

BD7902CFS Datasheet(PDF) 12 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 12 Page - Rohm

Back Button BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm BD7902CFS Datasheet HTML 10Page - Rohm BD7902CFS Datasheet HTML 11Page - Rohm BD7902CFS Datasheet HTML 12Page - Rohm BD7902CFS Datasheet HTML 13Page - Rohm BD7902CFS Datasheet HTML 14Page - Rohm BD7902CFS Datasheet HTML 15Page - Rohm BD7902CFS Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BD7902CFS
Optical disc ICs
12/17
!
!
!
!
Table of measure circuit switches position 3
(VCC=SPVM=SLVM=12V, DVCC=AVM=5V, VC=1.65V, RL (act) =8
Ω, RL (SL) =8Ω+47µH, RL (SP) =2Ω+47µH,
SLRNF=0.5
Ω, SPRNF=0.33Ω, H−=2.5V, HU+=2.6V, HV+=HW+=2.4V)
Actuator driver block
VIH
VIL
VOFFT
VOHFT
VOLFT
GVFT
1.65V
1.65V
±0.25V
1.65V
3.3V
(0V)
0V
(3.3V)
H
L
H
H
H
H
H
L
H
H
H
H
2
2
2
2
1
1
1
1
1
1
1
1
1
1
1
1
2
2
111
111
Designation
INPUT
VIN
SWITCH
CTL
12
RL SP SL
IL
Measure
point
Conditions
20log |(VO
− VOFFT) / ±0.25)|
IL
=500mA
IL
=−500mA
20log |(VO
− VOFFT) / ±0.25)|
Check active at "H"
=2.0
Check stand-by at "L"
=0.5
IL
=500mA
IL
=−500mA
IQVC
IQVC
VO
5
−OUT+ (−)
OUT
+ (−)
VO
VO
12
−OUT+ (−)
OUT
+ (−)
VO
Loading driver block
CTL1, CTL2
VMVC
VMVCC
1.65V
1.65V
H
H
H
H1
1
111
111
Check all output at VC
=0.7V
Check all output at VCC
=3.8V
OUTPUT
OUTPUT
CTL1, CTL2
VOFLD
VOHLD
VOLLD
GVLD
±0.25V
1.65V
3.3V
(0V)
0V
(3.3V)
L
L
L
L
H
H
H
H
2
2
1
1
1
1
1
1
1
1
1
1
1
1
2
2
!
!
!
!
Circuit operation
1. Driver control terminal 1 and 2 (pin22 and pin23)
All the drivers and spindle-drive braking mode can be switched on/off by inputting combinations of H-level signal
(higher than 2V) and L-level signal (lower than 0.5V) to these terminals.
CTL1
(Pin22)
CTL2
(Pin23)
Spindle
Sled
Focus
Tracking
Loading
LL
HL
−
H
CTL1
(Pin22)
CTL2
(Pin23)
SPIN
> VC
SPIN
< VC
LH
HH
Forward-rotation mode
Reverse-rotation braking mode
Short-circuit braking mode
Forward-rotation mode
... ON
... OFF
1)
2)
3)
4)
1) Standby mode
The IC is brought into standby state, and its power dissipation can be limited.
2) Drivers muting
All the output channels except the loading are muted and their outputs are turn off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com