Electronic Components Datasheet Search
  English  ▼

X  

BD7902CFS Datasheet(PDF) 16 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 16 Page - Rohm

Back Button BD7902CFS Datasheet HTML 10Page - Rohm BD7902CFS Datasheet HTML 11Page - Rohm BD7902CFS Datasheet HTML 12Page - Rohm BD7902CFS Datasheet HTML 13Page - Rohm BD7902CFS Datasheet HTML 14Page - Rohm BD7902CFS Datasheet HTML 15Page - Rohm BD7902CFS Datasheet HTML 16Page - Rohm BD7902CFS Datasheet HTML 17Page - Rohm BD7902CFS Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
BD7902CFS
Optical disc ICs
16/17
!
!
!
!
Application example
1
14
15
16
17
18
19
20
21
22
23
24
25
26
27
2
3
10
9
12
13
11
6
4
5
7
8
54
41
40
39
38
37
36
35
34
33
32
31
30
29
28
53
52
45
46
43
42
44
49
51
50
48
47
PRE
LOGIC
FF
FF
FF
LIMIT
Current
LIMIT
HALL
BIAS
FG
REVERSE
DETECT
Current
COMP
OSC
Polarity
COMP
PWM
OUT
LIMIT
OSC
PRE
LOGIC
STBY/
BRAKE
CONTROL
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
TSD
3-phase
MATRIX
−
−
47k
47k
94k
47k
15k
15k
47k
47k
−
−
94k
94k
47k
47k
FG
FG
LOADING
IN
VC
FOCUS
IN
TRACKING
IN
LOADING
TRACKING
DVCC
=5V
VCC
=12V
AVM
=5V
Fig.3
µ-COM
µ-COM
SPINDLE
IN
5V
SPVM
=12V
SPRNF
SPINDLE
SLED
IN1
SLED
IN2
SLVM
=12V
M
FOCUS
!
!
!
!
Operation notes
(1) Wiring for SPRNF and SLRNF
Considering the wiring resistance, connect each detecting resistor as close as possible to the current detection
terminals for the spindle drive SPRNF (pin 20) and the sled motor drive SLRNF 1 and 2 (pin 31 and 32) of the IC.
(2) Current detection reference voltage
The detection of current in the spindle and sled involves the detection of voltage between the detection resistances,
but as the reference voltage of internal circuit, the voltage applied to VCC (pin 51) is used by the spindle and that
applied to SLVDD (pin 30) by the sled.
For this reason, be sure to apply VCC (pin 51) to the spindle and SLVDD (pin 30) to the sled according to the
corresponding power supply voltages to prevent voltage differences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com