Electronic Components Datasheet Search
  English  ▼

X  

BD7902CFS Datasheet(PDF) 17 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 17 Page - Rohm

Back Button BD7902CFS Datasheet HTML 10Page - Rohm BD7902CFS Datasheet HTML 11Page - Rohm BD7902CFS Datasheet HTML 12Page - Rohm BD7902CFS Datasheet HTML 13Page - Rohm BD7902CFS Datasheet HTML 14Page - Rohm BD7902CFS Datasheet HTML 15Page - Rohm BD7902CFS Datasheet HTML 16Page - Rohm BD7902CFS Datasheet HTML 17Page - Rohm BD7902CFS Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
BD7902CFS
Optical disc ICs
17/17
(3) Reverse-rotation braking
In the case of reverse-rotation braking from high speed rotation, pay good attention to reverse electromotive force.
Furthermore, fully check the voltage to be applied to the output terminal and consider the revolutions applied to the
reverse-rotation brake.
(4) Bypass capacitor
Please connect a bypass capacitor (0.1
µF) across the supply voltage lines close to the IC pins.
(5) Supply fault, ground fault, and short-circuit between output terminals
Do not short-circuit between any output pin and supply pin (supply fault) or ground (ground fault), or between any
output pins (load short-circuit). When mounting the IC on the circuit board, be extremely cautions about the
orientation of the IC. If the orientation is mistaken, the IC may break down, and produce smoke in some cases.
!
!
!
!
Electrical characteristic curves
0
100
75
50
25
125
150
2
0
1
3
AMBIENT TEMPERATURE : Ta (
°C)
Fig.4 Power dissipation
2.6W
∗ On less than 25.7% (percentage occupied by copper foil),
70
×70mm2, t=1.6mm glass epoxy mounting.
!
!
!
!
External dimensions (Units : mm)
SSOP-A54
0.1
0.8
127
54
28
22.0
±0.2
6.0
±0.2
0.36
±0.1
0.15
±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com