Electronic Components Datasheet Search
  English  ▼

X  

BQ26221 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26221
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ26221 Datasheet HTML 2Page - Texas Instruments BQ26221 Datasheet HTML 3Page - Texas Instruments BQ26221 Datasheet HTML 4Page - Texas Instruments BQ26221 Datasheet HTML 5Page - Texas Instruments BQ26221 Datasheet HTML 6Page - Texas Instruments BQ26221 Datasheet HTML 7Page - Texas Instruments BQ26221 Datasheet HTML 8Page - Texas Instruments BQ26221 Datasheet HTML 9Page - Texas Instruments BQ26221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
bq26221
SLUS607 − MAY 2004
6
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
UDG−02050
RBI
GPIO
VCC
SRP
VSS
SRN
HDQ
BAT
Multiplexer
Temperature
Sensor
Autocalibrating
VFC
Bandgap,
Reference and
Bias
ADC
RAM
Temperature
Compensated
Precision
Oscillator
Timer
System I/O
and Control
User
Registers
Flash
ID
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
No.
I/O
DESCRIPTION
BAT
5
I
Battery voltage sense input. This pin is used for sensing and measuring the battery voltage.
RBI
1
I
Register backup input. The RBI input pin is used with a storage capacitor or external supply to
provide backup potential to the internal RAM and registers while VCC is < V(POR).
GPIO
8
I/O
General-purpose input/output pin. GPIO is a general-purpose programmable input or output port
whose state is controlled via the HDQ serial communications interface.
HDQ
4
I/O
Single-wire HDQ interface. HDQ is a single-wire serial communications interface port. This
bidirectional input/output communicates the register information to the host.
SRN
6
I
Current sense input 2. The bq26221 interprets charge and discharge activity by monitoring and
integrating the voltage drop, VSR, across pins SRP and SRN. The SRN input connects to the
sense resistor and the negative terminal of the pack. VSRP < VSRN indicates discharge, and
VSRP > VSRN indicates charge.
SRP
7
I
Current sense input 1. The bq26221 interprets charge and discharge activity by monitoring and
integrating the voltage drop, VSR, across pins SRP and SRN. The SRP input connects to the
sense resistor and the negative terminal of the battery. VSRP < VSRN indicates discharge, and
VSRP > VSRN indicates charge.
VCC
2
I
Supply voltage
VSS
3
−
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com