Electronic Components Datasheet Search
  English  ▼

X  

BQ26221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26221
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26221 Datasheet(HTML) 3 Page - Texas Instruments

  BQ26221 Datasheet HTML 1Page - Texas Instruments BQ26221 Datasheet HTML 2Page - Texas Instruments BQ26221 Datasheet HTML 3Page - Texas Instruments BQ26221 Datasheet HTML 4Page - Texas Instruments BQ26221 Datasheet HTML 5Page - Texas Instruments BQ26221 Datasheet HTML 6Page - Texas Instruments BQ26221 Datasheet HTML 7Page - Texas Instruments BQ26221 Datasheet HTML 8Page - Texas Instruments BQ26221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
bq26221
SLUS607 − MAY 2004
3
www.ti.com
dc electrical characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(OP)
Supply current
VCC = 4.3 V, flash programming not active
30
37
A
I(SLEEP)
Sleep current
VCC = 4.3 V, flash programming not active
1
5
µA
I(HIBERNATE) Hibernate current
0 < VCC < VPOR
600
nA
ICC(PROG)
Flash programming supply current
VCC = 5.5
21
30
mA
ICC(ERASE) Flash erase supply current
VCC = 5.5
21
30
mA
I(RBI)
Register back-up current
RBI pin only,
1.2 V< VCC < V(POR)
25
nA
IOL
Digital output low sink current, GPIO
and HDQ pins
VOL = 0.4 V
1
mA
VIL
Digital input low, GPIO and HDQ pins
0.7
VIH
Digital input high, GPIO and HDQ pins
VCC < 4.2 V
1.7
V
VIH
Digital input high, GPIO and HDQ pins
VCC > 4.2 V
1.9
V
RBAT
BAT input impedance
10
M
RSR
SRP, SRN input impedance
0.2 V < (V(SRP) − V(SRN)) < VCC
10
M
Ω
timer characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E(TMR)
Timer accuracy error
−4%
4%
temperature register characteristics over recommended operating temperature and supply
voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
T(RES)
Reported temperature resolution
0.25
E(T)
Reported temperature
accuracy
BQ26221PW
TSSOP package
−4
4
_K
voltage ADC specification, over recommended operating temperature and supply voltage, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Least significant bit (LSB)(1)
2.6 V
≤ VBAT ≤ 4.5 V
2.44
mV
Integral nonlinearity (INL)
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−4
+4
LSB
Differential nonlinearity (DNL)
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−1
+1
LSB
Offset error
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−3
+14
LSB
Maximum error
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−9
+15
LSB
NOTE 1. For a more detailed explantion of parameters refer to the application note, Understanding Data Converters, TI Literature No. SLAA013.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com