Electronic Components Datasheet Search
  English  ▼

X  

BQ26221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26221
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26221 Datasheet(HTML) 2 Page - Texas Instruments

  BQ26221 Datasheet HTML 1Page - Texas Instruments BQ26221 Datasheet HTML 2Page - Texas Instruments BQ26221 Datasheet HTML 3Page - Texas Instruments BQ26221 Datasheet HTML 4Page - Texas Instruments BQ26221 Datasheet HTML 5Page - Texas Instruments BQ26221 Datasheet HTML 6Page - Texas Instruments BQ26221 Datasheet HTML 7Page - Texas Instruments BQ26221 Datasheet HTML 8Page - Texas Instruments BQ26221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
bq26221
SLUS607 − MAY 2004
2
www.ti.com
ORDERING INFORMATION
{
TA
PACKAGE
PART NUMBER
TOP MARKING
−20
_C to 70_C
TSSOP
bq26221PW
26221
†
PW (TSSOP−8) package is available taped and reeled. Add R suffix to device type (e.g. bq26221PWR) to
order quantities of 2000 devices per reel for TSSOP-8.
ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted)(1)
bq26221
UNIT
Supply voltage (VCC with respect to GND)
−0.3 to +7.0
Input voltage, SRP and SRN, RBI, GPIO and BAT (all with respect to GND)
−0.3 V to VCC + 0.3 V
V
Input voltage, HDQ (with respect to GND)
−0.3 to +7.0
V
Output current (GPIO)
5
mA
Output current (HDQ)
5
mA
Operating free-air temperature range, TA
−20
°C to 70°C
Storage temperature range, Tstg
− 65
°C to 150°C
°C
Lead temperature (soldering, 10 s)
300
C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
2.8
4.5
V
V(POR)
Power-on reset voltage
1.9
2.45
V
TA
Operating ambient temperature
−20
70
_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com