Electronic Components Datasheet Search
  English  ▼

X  

DS90C385 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C385 Datasheet HTML 1Page - National Semiconductor (TI) DS90C385 Datasheet HTML 2Page - National Semiconductor (TI) DS90C385 Datasheet HTML 3Page - National Semiconductor (TI) DS90C385 Datasheet HTML 4Page - National Semiconductor (TI) DS90C385 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
DS90C365
R
L = 100
Ω,
C
L = 5 pF,
Worst Case Pattern
(Figures 1, 4 )
f = 32.5 MHz
28
42
mA
f = 40 MHz
29
47
mA
f = 65 MHz
34
52
mA
f = 85 MHz
39
57
mA
ICCTG
Transmitter Supply Current
16 Grayscale
DS90C365
R
L = 100
Ω,
C
L = 5 pF,
16 Grayscale Pattern
(Figures 3, 4 )
f = 32.5 MHz
26
35
mA
f = 40 MHz
27
37
mA
f = 65 MHz
32
42
mA
f = 85 MHz
36
47
mA
ICCTZ
Transmitter Supply Current
Power Down
Power Down = Low
Driver Outputs in TRI-STATE under
Power Down Mode
10
55
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
Note 4: VOS previously referred as VCM.
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (Figure 6)
1.0
6.0
ns
TCIP
TxCLK IN Period (Figure 7)
11.76
T
50
ns
TCIH
TxCLK IN High Time (Figure 7)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (Figure 7)
0.35T
0.5T
0.65T
ns
TXIT
TxIN Transition Time
1.5
6.0
ns
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 5)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (Figure 5)
0.75
1.5
ns
TPPos0
Transmitter Output Pulse Position for Bit 0 (Figures 13, 14)
(Note 5)
f = 40 MHz
−0.25
0
0.25
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
3.32
3.57
3.82
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
6.89
7.14
7.39
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
10.46
10.71
10.96
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
14.04
14.29
14.54
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
17.61
17.86
18.11
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
21.18
21.43
21.68
ns
TPPos0
Transmitter Output Pulse Position for Bit 0 (Figures 13, 14)
(Note 5)
f = 65 MHz
−0.20
0
0.20
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
2.00
2.20
2.40
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.20
4.40
4.60
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.39
6.59
6.79
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.59
8.79
8.99
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.79
10.99
11.19
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.99
13.19
13.39
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com