Electronic Components Datasheet Search
  English  ▼

X  

DS90C385 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DS90C385 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) DS90C385 Datasheet HTML 10Page - National Semiconductor (TI) DS90C385 Datasheet HTML 11Page - National Semiconductor (TI) DS90C385 Datasheet HTML 12Page - National Semiconductor (TI) DS90C385 Datasheet HTML 13Page - National Semiconductor (TI) DS90C385 Datasheet HTML 14Page - National Semiconductor (TI) DS90C385 Datasheet HTML 15Page - National Semiconductor (TI) DS90C385 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DS90C385SLC SLC64A (FBGA) Package Pin Summary —
FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
28
TTL level input.
TxOUT+
O
4
Positive LVDS differential data output.
TxOUT−
O
4
Negative LVDS differential data output.
TxCLKIN
I
1
TTL IeveI clock input. The rising edge acts as data strobe. Pin name TxCLK IN.
R_FB
I
1
Programmable strobe select. HIGH = rising edge, LOW = falling edge.
TxCLK OUT+
O
1
Positive LVDS differential clock output.
TxCLK OUT−
O
1
Negative LVDS differential clock output.
PWR DOWN
I
1
TTL level input. Assertion (low input) TRI-STATES the outputs, ensuring low current at
power down. See Applications Information section.
V
CC
I
3
Power supply pins for TTL inputs.
GND
I
5
Ground pins for TTL inputs.
PLL V
CC
I
1
Power supply pin for PLL.
PLL GND
I
2
Ground pins for PLL.
LVDS V
CC
I
2
Power supply pin for LVDS outputs.
LVDS GND
I
4
Ground pins for LVDS outputs.
NC
6
Pins not connected.
DS90C385SLC SLC64A (FBGA) Package Pin Description —
FPD Link Transmitter
By Pin
By Pin Type
Pin
Pin Name
Type
Pin
Pin Name
Type
A1
TxIN27
I
D3
GND
G
A2
TxOUT0-
O
E4
GND
G
A3
TxOUT0+
O
E8
GND
G
A4
LVDS VCC
P
G1
GND
G
A5
LVDS VCC
P
G6
GND
G
A6
TxCLKOUT-
O
B3
LVDS GND
G
A7
TxCLKOUT+
O
B4
LVDS GND
G
A8
TxOUT3+
O
B7
LVDS GND
G
B1
TxIN1
I
D5
LVDS GND
G
B2
TxIN0
I
C6
PLL GND
G
B3
LVDS GND
G
D6
PLL GND
G
B4
LVDS GND
G
D7
PWR DOWN
I
B5
TxOUT2-
O
G5
R_FB
I
B6
TxOUT3-
O
C8
TxCLKIN
I
B7
LVDS GND
G
B2
TxIN0
I
B8
NC
B1
TxIN1
I
C1
TxIN3
I
D2
TxIN2
I
C2
NC
C1
TxIN3
I
C3
NC
D1
TxIN4
I
C4
TxOUT1-
O
F1
TxIN5
I
C5
TxOUT2+
O
E2
TxIN6
I
C6
PLL GND
G
E3
TxIN7
I
C7
PLL VCC
P
G2
TxIN8
I
C8
TxCLKIN
I
H1
TxIN9
I
D1
TxIN4
I
G3
TxIN10
I
D2
TxIN2
I
H3
TxIN11
I
D3
GND
G
F4
TxIN12
I
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com