Electronic Components Datasheet Search
  English  ▼

X  

DS90C385 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS90C385 Datasheet HTML 2Page - National Semiconductor (TI) DS90C385 Datasheet HTML 3Page - National Semiconductor (TI) DS90C385 Datasheet HTML 4Page - National Semiconductor (TI) DS90C385 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) DS90C385 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AC Timing Diagrams (Continued)
Note 7: The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
Note 8: The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal switching needed
to produce groups of 16 vertical stripes across the display.
Note 9: Figures 1, 2 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
Note 10: Recommended pin to signal mapping. Customer may choose to define differently.
10086831
FIGURE 3. “16 Grayscale” Test Pattern - DS90C365 (Notes 8, 9, 10)
10086830
FIGURE 4. DS90C385/DS90C365 (Transmitter) LVDS Output Load
10086806
FIGURE 5. DS90C385/DS90C365 (Transmitter) LVDS Transition Times
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com