Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TPS54331
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 10
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Simplified Schematic............................................. 1
9.2
Typical Application .................................................. 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 24
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 24
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 24
7.1
Absolute Maximum Ratings ..................................... 5
11.2
Layout Example .................................................... 25
7.2
Handling Ratings....................................................... 5
11.3
Electromagnetic Interference (EMI)
7.3
Recommended Operating Conditions ....................... 5
Considerations ......................................................... 25
7.4
Thermal Information .................................................. 6
12
Device and Documentation Support ................. 26
7.5
Electrical Characteristics........................................... 6
12.1
Device Support...................................................... 26
7.6
Switching Characteristics .......................................... 7
12.2
Trademarks ........................................................... 26
7.7
Typical Characteristics .............................................. 7
12.3
Electrostatic Discharge Caution ............................ 26
8
Detailed Description .............................................. 9
12.4
Glossary ................................................................ 26
8.1
Overview ................................................................... 9
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 10
Information ........................................................... 26
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (February 2012) to Revision F
Page
•
Added Handling Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 1
•
Updated the inductor current equations for IL(RMS) and IL(PK) ............................................................................................... 16
Changes from Revision D (January 2012) to Revision E
Page
•
Deleted Feature Item: For SWIFT™ Documentation, See the TI Website at www.ti.com/swift............................................. 1
•
Removed Swift™ from the data sheet title ............................................................................................................................. 1
Changes from Revision C (March 2010) to Revision D
Page
•
Added the DDA Package to the Pin Assignments ................................................................................................................. 4
•
Added TPS54331 device DDA option to the Ordering Information table ............................................................................... 4
•
Changed Figure 21 ............................................................................................................................................................... 22
•
Added Figure 24 ................................................................................................................................................................... 23
Changes from Revision B (October 2008) to Revision C
Page
•
Changed the ABSOLUTE MAXIMUM RATINGS table, Input Voltage - EN pin max value From: 5V to 6V.......................... 5
•
Added a new table to the Description - For additional design needs................................................................................... 14
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com