Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 17Page - Texas Instruments TPS54331 Datasheet HTML 18Page - Texas Instruments TPS54331 Datasheet HTML 19Page - Texas Instruments TPS54331 Datasheet HTML 20Page - Texas Instruments TPS54331 Datasheet HTML 21Page - Texas Instruments TPS54331 Datasheet HTML 22Page - Texas Instruments TPS54331 Datasheet HTML 23Page - Texas Instruments TPS54331 Datasheet HTML 24Page - Texas Instruments TPS54331 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TPS54331
www.ti.com
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
The nominal on-resistance for the high-side FET in Equation 33 is assumed. Equation 33 accounts for the worst
case variation of operating-frequency set point. Any design operating near the operational limits of the device
should be carefully checked to ensure proper functionality.
9.2.2.10 Power Dissipation Estimate
The following formulas show how to estimate the device power dissipation under continuous-conduction mode
(CCM) operations. These formulas should not be used if the device is working in the discontinuous-conduction
mode (DCM) or pulse-skipping Eco-mode.
The device power dissipation includes:
1. Conduction loss:
Pcon = IOUT
2 × R
DS(on) × VOUT / VIN
where
•
IOUT s the output current (A)
•
RDS(on) is the on-resistance of the high-side MOSFET (Ω)
•
VOUT is the output voltage (V)
•
VIN is the input voltage (V)
2. Switching loss:
Psw = 0.5 × 10
-9 × V
IN
2 × I
OUT × ƒSW
where
•
ƒSW is the switching frequency (Hz)
3. Gate charge loss:
Pgc = 22.8 × 10
-9 × ƒ
SW
4. Quiescent current loss
Pq = 0.11 × 10
-3 × V
IN
Therefore:
Ptot = Pcon + Psw + Pgc + Pq
where
•
Ptot is the total device power dissipation (W)
For given TA :
TJ = TA + Rth × Ptot
where
•
TJ is the junction temperature (°C)
•
TA is the ambient temperature (°C)
•
Rth is the thermal resistance of the package (°C/W)
For given TJMAX = 150°C:
TAMAX = TJMAX – Rth × Ptot
where
•
TJMAX is maximum junction temperature (°C)
•
TAMAX is maximum ambient temperature (°C)
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com