Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TPS54331
www.ti.com
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
8.3.10 Overvoltage Transient Protection
The TPS54331 device incorporates an overvoltage transient-protection (OVTP) circuit to minimize output voltage
overshoot when recovering from output fault conditions or strong unload transients. The OVTP circuit includes an
overvoltage comparator to compare the VSENSE pin voltage and internal thresholds. When the VSENSE pin
voltage goes above 109% × Vref, the high-side MOSFET is forced off. When the VSENSE pin voltage falls below
107% × Vref, the high-side MOSFET is enabled again.
8.3.11 Thermal Shutdown
The device implements an internal thermal shutdown to protect the device if the junction temperature exceeds
165°C. The thermal shutdown forces the device to stop switching when the junction temperature exceeds the
thermal trip threshold. When the die temperature decreases below 165°C, the device reinitiates the power-up
sequence.
8.4 Device Functional Modes
8.4.1 Eco-mode™
The TPS54331 device is designed to operate in pulse skipping Eco-mode at light load currents to boost light load
efficiency. When the peak inductor current is lower than 160 mA (typical), the COMP pin voltage falls to 0.5 V
(typical) and the device enters Eco-mode. When the device is in Eco-mode, the COMP pin voltage is clamped at
0.5-V internally which prevents the high-side integrated MOSFET from switching. The peak inductor current must
rise above 160 mA for the COMP pin voltage to rise above 0.5 V and exit Eco-mode. Because the integrated
current comparator catches the peak inductor current only, the average load current entering Eco-mode varies
with the applications and external output filters.
8.4.2 Operation With VIN < 3.5 V
The device is recommended to operate with input voltages above 3.5 V. The typical VIN UVLO threshold is not
specified and the device can operate at input voltages down to the UVLO voltage. At input voltages below the
actual UVLO voltage, the device does not switch. If the EN pin is externally pulled up or left floating, the device
becomes active when the VIN pin passes the UVLO threshold. Switching begins when the slow-start sequence is
initiated.
8.4.3 Operation With EN Control
The enable threshold voltage is 1.25 V (typical). With the EN pin is held below that voltage the device is disabled
and switching is inhibited even if the VIN pin is above the UVLO threshold. The IC quiescent current is reduced
in this state. If the EN voltage increases above the threshold while the VIN pin is above the UVLO threshold, the
device becomes active. Switching is enabled, and the slow-start sequence is initiated.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com