Electronic Components Datasheet Search
  English  ▼

X  

DAC8531 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8531
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8531 Datasheet HTML 2Page - Texas Instruments DAC8531 Datasheet HTML 3Page - Texas Instruments DAC8531 Datasheet HTML 4Page - Texas Instruments DAC8531 Datasheet HTML 5Page - Texas Instruments DAC8531 Datasheet HTML 6Page - Texas Instruments DAC8531 Datasheet HTML 7Page - Texas Instruments DAC8531 Datasheet HTML 8Page - Texas Instruments DAC8531 Datasheet HTML 9Page - Texas Instruments DAC8531 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DAC8531
6
SBAS192B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = 5V (Cont.)
At TA = +25°C, VDD = 5V, unless otherwise noted.
NOTE: All references to IDD include IREF current.
SOURCE AND SINK CURRENT CAPABILITY
0
I
SOURCE/SINK (mA)
510
15
5
4
3
2
1
0
DAC Loaded with FFFF
H
DAC Loaded with 0000
H
SUPPLY CURRENT vs DIGITAL INPUT CODE
0000
H
Digital Input Code
2000
H 4000H 6000H 8000H A000H C000H E000H FFFFH
500
400
300
200
100
0
POWER-SUPPLY CURRENT vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
350
300
250
200
150
100
50
0
SUPPLY CURRENT vs SUPPLY VOLTAGE
2.7
V
DD (V)
3.2
3.7
4.2
4.7
5.2
5.7
350
300
250
200
150
100
50
0
V
REF tied to VDD.
+105
°C
POWER-DOWN CURRENT vs SUPPLY VOLTAGE
2.7
V
DD (V)
3.2
3.7
4.2
4.7
5.2
5.7
100
90
80
70
60
50
40
30
20
10
0
+25
°C
–40
°C
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
0
V
LOGIC (V)
12
3
4
5
700
600
500
400
300
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com