Electronic Components Datasheet Search
  English  ▼

X  

DAC8531 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8531
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8531 Datasheet HTML 7Page - Texas Instruments DAC8531 Datasheet HTML 8Page - Texas Instruments DAC8531 Datasheet HTML 9Page - Texas Instruments DAC8531 Datasheet HTML 10Page - Texas Instruments DAC8531 Datasheet HTML 11Page - Texas Instruments DAC8531 Datasheet HTML 12Page - Texas Instruments DAC8531 Datasheet HTML 13Page - Texas Instruments DAC8531 Datasheet HTML 14Page - Texas Instruments DAC8531 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DAC8531
11
SBAS192B
www.ti.com
THEORY OF OPERATION
DAC SECTION
The architecture consists of a string DAC followed by an
output buffer amplifier. Figure 1 shows a block diagram of the
DAC architecture.
CODE CHANGE GLITCH
Time (2
µs/div)
Glitch Waveform (20mV/div)
TYPICAL CHARACTERISTICS: VDD = 2.7V (Cont.)
At TA = +25°C, VDD = 2.7V, unless otherwise noted.
RESISTOR STRING
Figure 2 shows the resistor string section. It is simply a string
of resistors, each of value R. The code loaded into the DAC
register determines at which node on the string the voltage
is tapped off to be fed into the output amplifier by closing one
of the switches connecting the string to the amplifier. It is
ensured monotonic because it is a string of resistors.
FIGURE 1. DAC8531 Architecture.
The input coding to the DAC8531 is straight binary, so the
ideal output voltage is given by:
VV
D
OUT
REF
=•
65536
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
FIGURE 2. Resistor String.
DAC Register
REF (+)
Resistor String
REF(–)
Output
Amplifier
GND
V
DD
V
OUT
V
FB
To Output
Amplifier
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com