Electronic Components Datasheet Search
  English  ▼

X  

DAC8531 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8531
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8531 Datasheet HTML 1Page - Texas Instruments DAC8531 Datasheet HTML 2Page - Texas Instruments DAC8531 Datasheet HTML 3Page - Texas Instruments DAC8531 Datasheet HTML 4Page - Texas Instruments DAC8531 Datasheet HTML 5Page - Texas Instruments DAC8531 Datasheet HTML 6Page - Texas Instruments DAC8531 Datasheet HTML 7Page - Texas Instruments DAC8531 Datasheet HTML 8Page - Texas Instruments DAC8531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DAC8531
4
SBAS192B
www.ti.com
SERIAL WRITE OPERATION
SCLK
SYNC
D
IN
DB23
DB0
t
8
t
3
t
2
t
7
t
4
t
5
t
6
t
1
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
t1(3)
SCLK Cycle Time
VDD = 2.7V to 3.6V
50
ns
VDD = 3.6V to 5.5V
33
ns
t2
SCLK HIGH Time
VDD = 2.7V to 3.6V
13
ns
VDD = 3.6V to 5.5V
13
ns
t3
SCLK LOW Time
VDD = 2.7V to 3.6V
22.5
ns
VDD = 3.6V to 5.5V
13
ns
t4
SYNC to SCLK Rising
Edge Setup Time
VDD = 2.7V to 3.6V
0
ns
VDD = 3.6V to 5.5V
0
ns
t5
Data Setup Time
VDD = 2.7V to 3.6V
5
ns
VDD = 3.6V to 5.5V
5
ns
t6
Data Hold Time
VDD = 2.7V to 3.6V
4.5
ns
VDD = 3.6V to 5.5V
4.5
ns
t7
SCLK Falling Edge to
SYNC Rising Edge
VDD = 2.7V to 3.6V
0
ns
VDD = 3.6V to 5.5V
0
ns
t8
Minimum SYNC HIGH Time
VDD = 2.7V to 3.6V
50
ns
VDD = 3.6V to 5.5V
33
ns
NOTES: (1) All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See Serial Write Operation timing
diagram, below. (3) Maximum SCLK frequency is 30MHz at VDD = +3.6V to +5.5V and 20MHz at VDD = +2.7V to +3.6V.
TIMING CHARACTERISTICS(1, 2)
V
DD = +2.7V to +5.5V; all specifications –40°C to +105°C unless otherwise noted.
DAC8531E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com