Electronic Components Datasheet Search
  English  ▼

X  

SLUS749 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLUS749
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS749 Datasheet(HTML) 3 Page - Texas Instruments

  SLUS749 Datasheet HTML 1Page - Texas Instruments SLUS749 Datasheet HTML 2Page - Texas Instruments SLUS749 Datasheet HTML 3Page - Texas Instruments SLUS749 Datasheet HTML 4Page - Texas Instruments SLUS749 Datasheet HTML 5Page - Texas Instruments SLUS749 Datasheet HTML 6Page - Texas Instruments SLUS749 Datasheet HTML 7Page - Texas Instruments SLUS749 Datasheet HTML 8Page - Texas Instruments SLUS749 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
MIN
UNIT
Human body model
2k
CDM
1.5k
V
Machine Model
250
THERMAL IMPEDANCE
JUNCTION-TO-THERMAL
TA = +25°C
TA = +85°C
PACKAGE
PAD (°C/W)
POWER RATING (W)
POWER RATING (W)
Plastic 16-Pin HTSSOP (PWP)
2.07(4)
1.6
1.0
(1)
For more information on the PWP package, refer to TI Technical Brief (SLMA002A).
(2)
TI device packages are modeled and tested for thermal performance using printed circuit board designs outlined in JEDEC standards
JESD 51-3 and JESD 51-7.
(3)
For application information, see the Power Derating section.
(4)
TJ-A = +40°C/W.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com