Electronic Components Datasheet Search
  English  ▼

X  

SLUS749 Datasheet(PDF) 36 Page - Texas Instruments

Part # SLUS749
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS749 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SLUS749 Datasheet HTML 32Page - Texas Instruments SLUS749 Datasheet HTML 33Page - Texas Instruments SLUS749 Datasheet HTML 34Page - Texas Instruments SLUS749 Datasheet HTML 35Page - Texas Instruments SLUS749 Datasheet HTML 36Page - Texas Instruments SLUS749 Datasheet HTML 37Page - Texas Instruments SLUS749 Datasheet HTML 38Page - Texas Instruments SLUS749 Datasheet HTML 39Page - Texas Instruments SLUS749 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
Table 3. TPS55386 Design Example List of Materials
REFERENC
E
QTY
VALUE
DESCRIPTION
SIZE
PART NUMBER
MFR
DESIGNAT
OR
2
C2, C14
22
µF
Capacitor, Ceramic, 6.3V, X5R, 20%
1206
C3216X5R0J226M
TDK
2
C3, C13
470 pF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
2
C4, C11
0.047
µF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
2
C5, C10
10
µF
Capacitor, Ceramic, 25V, X5R, 20%
1210
C3225X5R1E106M
TDK
1
C12
4.7
µF
Capacitor, Ceramic, 10V, X5R, 20%
0805
Std
Std
2
C9, C6
1.0 nF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
1
C8
47 pF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
1
C7
33 pF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
2
D1, D2
MBRS330T3
Diode, Schottky, 3-A, 30-V
SMC
MBRS330T3
OnSemi
2
L1, L2
8.2
µH
Inductor, SMT, 4.38A, 20milliohm
0.402 x 0.394 inch
MSS1048-822L
Coilcraft
1
R7
23.7 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R6
38.3 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2
R3, R12
20.5 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2
R2, R11
10
Ω
Resistor, Chip, 1/16W, 5%
0603
Std
Std
1
R4
3.83 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R10
6.49 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
U1
TPS55386PWP
IC, Dual 600kHz Non-Sync BUCK with Interal
HTSSOP-16
TPS55386PWP
TI
FET
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com