Electronic Components Datasheet Search
  English  ▼

X  

SLUS749 Datasheet(PDF) 39 Page - Texas Instruments

Part # SLUS749
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS749 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SLUS749 Datasheet HTML 35Page - Texas Instruments SLUS749 Datasheet HTML 36Page - Texas Instruments SLUS749 Datasheet HTML 37Page - Texas Instruments SLUS749 Datasheet HTML 38Page - Texas Instruments SLUS749 Datasheet HTML 39Page - Texas Instruments SLUS749 Datasheet HTML 40Page - Texas Instruments SLUS749 Datasheet HTML 41Page - Texas Instruments SLUS749 Datasheet HTML 42Page - Texas Instruments SLUS749 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
ADDITIONAL REFERENCES
Related Devices
References
Package Outline and Recommended PCB Footprint
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
The following devices have characteristics similar to the TPS55383/TPS55386 and may be of interest.
Table 4. Devices Related to the TPS55383 and TPS55386
TI LITERATURE
DEVICE
DESCRIPTION
NUMBER
SLUS642
TPS40222
5-V Input, 1.6-A Non-Synchronous Buck Converter
TPS54283 /
SLUS749
2-A Dual Non-Synchronous Converter with Integrated High-Side MOSFET
TPS54286
TPS54383 /
SLUS774
3-A Dual Non-Synchronous Converter with Integrated High-Side MOSFET
TPS54386
3.5 V to 28 V, Single 3-A Non-Synchronous Buck Converter with Integrated High-Side
SLVS839
TPS54331
MOSFET
These references, design tools and links to additional references, including design software, may be found at
http:www.power.ti.com
Table 5. References
TI LITERATURE
DESCRIPTION
NUMBER
SLMA002
PowerPAD Thermally Enhanced Package Application Report
SLMA004
PowerPAD™ Made Easy
SLUP206
Under The Hood Of Low Voltage DC/DC Converters. SEM1500 Topic 5, 2002 Seminar Series
SLVA057
Understanding Buck Power Stages in Switchmode Power Supplies
SLUP173
Designing Stable Control Loops. SEM 1400, 2001 Seminar Series
The following pages outline the mechanical dimensions of the 16-Pin PWP package and provide
recommendations for PCB layout.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com