Electronic Components Datasheet Search
  English  ▼

X  

SMV1237 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV1237
Description  Hyperabrupt Junction Tuning Varactors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1237 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1237 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET • SMV123x VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200058V • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMV123x varactors are
provided in Table 2. Electrical specifications are provided in
Table 3. Typical capacitance values are listed in Table 4. Typical
performance characteristics of the SMV123x varactors are
illustrated in Figures 1 through 4.
The SPICE model for the SMV123x varactors is shown in Figure 5
and the associated model parameters are provided in Table 5.
Package dimensions are shown in Figures 6 to 14 (even
numbers), and tape and reel dimensions are provided in Figures 7
to 15 (odd numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMV123x series of varactors are rated to Moisture Sensitivity
Level 1 (MSL1) at 260
C. They can be used for lead or lead-free
soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Table 2. SMV123x Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
15
V
Forward current
IF
20
mA
Power dissipation
PDIS
250
mW
Operating temperature
TOP
–55
+125
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Human Body Model (HBM), Class 1B
ESD
1000
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com