Electronic Components Datasheet Search
  English  ▼

X  

SMV1237 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SMV1237
Description  Hyperabrupt Junction Tuning Varactors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1237 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1237 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • SMV123x VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200058V • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
5
Typical Performance Characteristics
0.1
10.0
1.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
2.0
0
SMV1237
SMV1236
SMV1235
SMV1231
SMV1234
SMV1233
SMV1232
Figure 1. Capacitance vs Reverse Voltage
–4
–3
–2
–1
0
+1
+2
+3
+4
+5
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
VR = 1 V
VR = 3 V
Figure 3. Relative Capacitance Change vs Temperature
0
1
2
3
Reverse Voltage (V)
01
2
3
4
5
SMV1232
SMV1231
SMV1233
SMV1234
SMV1235
SMV1237
SMV1236
Figure 2. Series Resistance vs Reverse Voltage @ 500 MHz
+10
+8
+6
+4
+2
0
–2
–4
–6
–8
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
Figure 4. Relative Series Resistance Change vs Temperature
@ 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com