Electronic Components Datasheet Search
  English  ▼

X  

SMV1237 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1237
Description  Hyperabrupt Junction Tuning Varactors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1237 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1237 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • SMV123x VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 7, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200058V
Table 1. Packaging and Marking
Single
Single
Single
Common Cathode
Common Anode
Common Cathode
Single
SC-79
Green™
SOD-323
Green™
SOT-23
SOT-23
SC-70
SC-70
SOD-882
Green™
SMV1231-074
Marking: JA3
SMV1231-079LF
Marking: Cathode and HF
SMV1231-074LF
Green™
Marking: KA3
SMV1231-040LF
Marking: A
SMV1232-079LF
Marking: Cathode and HG
SMV1232-040LF
Marking: Y
SMV1233-001
Marking: VP1
SMV1233-079LF
Marking: Cathode and HK
SMV1233-001LF
Green™
Marking: DP1
SMV1233-040LF
Marking: B
SMV1234-004
Marking: VQ3
SMV1234-073
Marking: VQ9
SMV1234-079LF
Marking: Cathode and HS
♦SMV1234-011LF
Marking: DQ
SMV1234-004LF
Green™
Marking: DQ3
SMV1234-073LF
Green™
Marking: DQ9
SMV1234-040LF
Marking: G
SMV1235-079LF
Marking: Cathode and HX
SMV1235-040LF
Marking: M
♦SMV1236-079LF
Marking: Cathode and HY
SMV1236-011LF
Marking: EQ
SMV1236-040LF
Marking: R
SMV1237-001
Marking: VT1
SMV1237-001LF
Green™
Marking: DT1
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 1.4 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not recommended
for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com