Electronic Components Datasheet Search
  English  ▼

X  

6173 Datasheet(PDF) 1 Page - Bi technologies

Part # 6173
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6173 Datasheet(HTML) 1 Page - Bi technologies

  6173 Datasheet HTML 1Page - Bi technologies 6173 Datasheet HTML 2Page - Bi technologies 6173 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
Single Turn
Conductive Plastic
Precision Potentiometer /
Position Sensor
Model 6173
Total Mechanical Travel
360° continuous
Number of Gangs
4 maximum
Weight
0.92 oz. single gang nominal, 0.6 oz. each added gang
Shaft Runout
maximum T.I.R. 0.001”
Pilot Diameter Runout
maximum T.I.R. 0.001”
Lateral Runout
maximum T.I.R. 0.002”
Shaft Radial Play
maximum 0.001”
Start/Run Torque
maximum 0.5 oz.-in. per gang
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Special TCR available to ±100 ppm/°C.
4
Measured with 10 VDC CW to CCW and slider at 50% of electrical travel.
Resistance Range
1K to 100K Ohms
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity2
±1%
Minimum Practical Independent Linearity
±0.25%
Input Voltage
400 VDC maximum, not to exceed power rating
Power Rating
1.0 Watt at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Output smoothness
0.1% maximum
Actual Electrical Travel
335° nominal
Electrical Continuity Travel
346° minimum
End Voltage
maximum 0.5% of input voltage
Resolution
essentially infinite
Temperature Coefficient of Resistance3
-400 ppm/°C typical
Temperature Coefficient of Output Voltage4
±10 ppm/°C typical
October 31 2014
Model 6173 page 1 of 3
RoHS 2
compliant
Pb


Similar Part No. - 6173

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
6173 TTELEC-6173 Datasheet
722Kb / 3P
Single-Turn Precision Potentiometer
logo
Schurter Inc.
6173.0001 SCHURTER-6173.0001 Datasheet
356Kb / 4P
IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
6173.0001 SCHURTER-6173.0001 Datasheet
272Kb / 4P
IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
6173.0001 SCHURTER-6173.0001 Datasheet
351Kb / 6P
IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
6173.0002 SCHURTER-6173.0002 Datasheet
351Kb / 6P
IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
More results

Similar Description - 6173

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8141 BITECH-8141 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
Precision Potentiometer/ Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
Precision Potentiometer / Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
Precision Potentiometer Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
Precision Potentiometer / Position Sensor
405 BITECH-405 Datasheet
330Kb / 3P
Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com