Electronic Components Datasheet Search
  English  ▼

X  

6173 Datasheet(PDF) 3 Page - Bi technologies

Part # 6173
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6173 Datasheet(HTML) 3 Page - Bi technologies

  6173 Datasheet HTML 1Page - Bi technologies 6173 Datasheet HTML 2Page - Bi technologies 6173 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Model 6173
OUTLINE DRAWING
Clamp
Ears
CW
CCW
Slider
105° Max.
.625
15.9
R. Max.
"RS"±.016
±0.41
"L"±.010
±0.25
Mounting Surface
.500±.031
12.7±0.79
+.0000
-.0003
+0.000
-0.008
.1248
3.1699
+.0000
-.0005
+0.000
-0.0127
.7500
19.050
Dia.
Dia. .875±.005
22.2±0.13 Dia.
.891±.016
22.6±0.41 Dia.
.781
19.8 Max.
.062±.005
1.58±0.13
.062±.005
1.58±0.13
Chamfer .016
0.41 Max. x 45°
.010
0.25 R. Max.
.062±.005
1.58±0.13
.160
4.06
Min.
Dim. “L” Dim. “RS” No.of Gangs
.500
12.7
.850
21.59
1.200
30.48
1.550
39.70
1.000
25.40
1.350
34.29
1.700
43.18
2.050
52.07
1
2
3
4
October 31 2014
Model 6173 page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com