Electronic Components Datasheet Search
  English  ▼

X  

6173 Datasheet(PDF) 2 Page - Bi technologies

Part # 6173
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6173 Datasheet(HTML) 2 Page - Bi technologies

  6173 Datasheet HTML 1Page - Bi technologies 6173 Datasheet HTML 2Page - Bi technologies 6173 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Operating Temperature Range
-40°C to +125°C dynamic, -65°C to +125°C static
Temperature Cycling
5 cycles, -65°C to +125°C, maximum 10% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 500 Hz, maximum 2% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
ten 24 hour cycles, maximum 10% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 0.5% ΔR
Rotational Life
25 million shaft revolutions
Rotational Load Life
5 million shaft revolutions at 1.0 Watt & 70°C plus 900 hours at 1.0 Watt, maximum 10% ΔR
Ingress Protection Rating (IP Code)
IP50
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
6173 R 10K T5 L.5 xx
FEATURE CODES
Model 6173
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
1K
2K
5K
10K
20K
50K
October 31 2014
Model 6173 page 2 of 3
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft
SS
Rear Shaft Extension
RS
Additional Gangs
2G, 3G, or 4G
When multiple Optional Feature codes are used the P/N shall
be in the same sequence as listed in this table (top to bottom).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com