Electronic Components Datasheet Search
  English  ▼

X  

5613 Datasheet(PDF) 1 Page - Bi technologies

Part # 5613
Description  Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5613 Datasheet(HTML) 1 Page - Bi technologies

  5613 Datasheet HTML 1Page - Bi technologies 5613 Datasheet HTML 2Page - Bi technologies 5613 Datasheet HTML 3Page - Bi technologies 5613 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-51
Model 5610 Series
MODEL 5610 SERIES
2” Diameter
Single Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
15 to 80K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1.0%
Independent Linearity
±1.0%, <50 Ohms
±0.5%,
≥50 Ohms
Minimum Practical Independent Linearity
±1.0%, <50 Ohms
±0.5%, 50-499 Ohms
±0.25%, 500-4,999 Ohms
±0.1%,
≥5K Ohms
Power Rating, Watts
3.5 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
356° + 1°
Tap Tolerance
±1°
End Voltage, Maximum
Linearity x Input Voltage
ENVIRONMENTAL (MIL-R-12934)
MODEL STYLES
5611
1/4" Shaft, 3/8" Bushing
5613
1/4" Shaft, Servo
Specifications subject to change without notice.
Operating Temperature Range
Static: –65°C to +125°C
Dynamic: –40°C to +125°C
Temperature Cycling
5 cycles, -65°C to +125°C (10%
∆R)
Shock, 6ms Sawtooth
50G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Ten 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Life
1 Mil. Shaft Rev.
Rotational Load Life
1 mil. shaft rev. at rated wattage at 70°C (5%
∆R)


Similar Part No. - 5613

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5613 ADAFRUIT-5613 Datasheet
160Kb / 2P
EYESPI Breakout Board - 18 Pin FPC Connector
logo
Bourns Electronic Solut...
5613-RC BOURNS-5613-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Festo Corporation.
561333 FESTO-561333 Datasheet
82Kb / 1P
Quick coupling
1/26/23
logo
Molex Electronics Ltd.
56134 MOLEX-56134 Datasheet
33Kb / 1P
MicroClasp™ Wire-to-Board System
03/15/2017
56134-8100 MOLEX-56134-8100 Datasheet
33Kb / 1P
MicroClasp™ Wire-to-Board System
03/15/2017
More results

Similar Description - 5613

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com