Electronic Components Datasheet Search
  English  ▼

X  

5613 Datasheet(PDF) 3 Page - Bi technologies

Part # 5613
Description  Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5613 Datasheet(HTML) 3 Page - Bi technologies

  5613 Datasheet HTML 1Page - Bi technologies 5613 Datasheet HTML 2Page - Bi technologies 5613 Datasheet HTML 3Page - Bi technologies 5613 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OUTLINE DIMENSIONS (Inch/mm)
"RS" ±
.031
±0.79
Mounting Surface
2.000
±.016
50.80
±0.41
"L"
Dia.
.625
±.031
15.9
±0.79
.010
0.25
R. Max
2.000
±.005
50.80
±0.13
Dia.
Dia.
+.0000
-.0003
+0.000
-0.008
.2497
6.342
+.000
-.001
+0.00
-0.03
1.875
47.63
Chamfer
Max. x 45
°
.016
0.41
.093
±.005
2.36
±0.13
.062
±.005
1.58
±0.13
.073
1.85
Min.
1.875
47.63
Dia. Max.
.50
12.7
Min.
90
° Max.
Clamp
Ears
CW
CCW
Slider
1.250
31.75
R. Max.
1.020
±.015
1.520
25.91
±0.38
38.61
1.582
±0.17
2.082
40.18
±0.43
52.88
2.144
±.019
2.644
54.46
±0.48
67.16
2.706
±.021
3.206
68.73
±0.53
81.43
Dim. "L"
Dim. "RS" No. of Cups
1
2
3
4
2
2-53
Model Series 5610
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
Model 5613
Servo Mount with Ball Bearing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com