Electronic Components Datasheet Search
  English  ▼

X  

5613 Datasheet(PDF) 2 Page - Bi technologies

Part # 5613
Description  Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5613 Datasheet(HTML) 2 Page - Bi technologies

  5613 Datasheet HTML 1Page - Bi technologies 5613 Datasheet HTML 2Page - Bi technologies 5613 Datasheet HTML 3Page - Bi technologies 5613 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
"RS"
±.031
±0.79
Mounting Surface
.875
±.031
22.2
±0.79
+.0000
-.0003
+0.000
-0.008
.2497
6.342
Dia.
Dia.
Dia.
1.375
±.016
34.93
±0.41
.375
9.53
Min.
+.000
-.002
+0.00
-0.05
.406
10.3
Chamfer
Max. x 45
°
.016
0.41
3/8 - 32 UNEF Thread
.375
±.016
9.53
±0.41
+.000
-.010
+0.00
-0.25
.062
1.58
2.000
±.016
50.80
±0.41
Dia.
"L"
90
° Max.
Clamp
Ears
CW
CCW
Slider
1.250
31.75
R. Max.
.531
±.016
13.5
±0.41
R.
Locating Hole
.129
±.005
.062
±.016
3.28
±0.13
1.58
±0.41
Positioned as shown
± 5°
Dia. x
Deep
.905
±.020
1.405
22.9
±0.51
35.69
1.467
±0.22
1.967
37.26
±0.56
49.96
2.029
±.024
2.529
51.54
±0.61
64.24
2.591
±.026
3.091
65.81
±0.66
78.51
Dim. "L"
Dim. "RS" No. of Cups
1
2
3
4
2-52
Model 5610 Series
MECHANICAL
Total Mechanical Travel
360° Continuous
Number of Gangs, Maximum
4
Weight, Nominal
3.7 oz. Single Gang
1.3 oz. Each Added Gang
Backlash, Maximum
1°
Shaft End Play, Maximum
.005”
5611
5613
Shaft Runout, T.I.R., Maximum
.0005”
.001”
Pilot Diameter Runout, T.I.R., Maximum
.002”
.0015”
Lateral Runout, T.I.R., Maximum
.004”
.006”
Shaft Radial Play, Maximum
.004”
.002”
Starting Torque, Maximum (per gang)
1.5 oz.-in.
0.8 oz.-in.
Running Torque, Maximum (per gang)
1.1 oz.-in.
0.6 oz.-in.
OUTLINE DIMENSIONS (Inch/mm)
Model 5611
Bushing Mount with Sleeve Bearing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com