Electronic Components Datasheet Search
  English  ▼

X  

GS4900B Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS4900B Datasheet HTML 45Page - Semtech Corporation GS4900B Datasheet HTML 46Page - Semtech Corporation GS4900B Datasheet HTML 47Page - Semtech Corporation GS4900B Datasheet HTML 48Page - Semtech Corporation GS4900B Datasheet HTML 49Page - Semtech Corporation GS4900B Datasheet HTML 50Page - Semtech Corporation GS4900B Datasheet HTML 51Page - Semtech Corporation GS4900B Datasheet HTML 52Page - Semtech Corporation GS4900B Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
49 of 102
H_Feedback_Divide represents the numerator of the ratio of the output clock frequency
to the frequency of the H reference signal.
For example, to program a loop bandwidth of 25Hz given a 54MHz video clock and a
reference with a 27MHz video clock and 1716 clocks per line, the following steps are
necessary:
1. Calculate H_Feedback_Divide:
Therefore, H_Feedback_Divide = 1716.
2. Calculate the value for Video_Res_Genlock:
3. Calculate the value for Video_Cap_Genlock:
Therefore, program Video_Res_Genlock = 37 and Video_Cap_Genlock = 16.
NOTE: The value programmed in the Video_Res_Genlock register must be between 32
and 42. The value programmed in the Video_Cap_Genlock register must be greater than
10. These limits define the exact range of loop bandwidth adjustment available.
H _Feedback_D ivide
H_Reference_D ivide
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
f
pclkout
f
Hrefin
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
×
f
pclkout
27
MHz
=
f
Hrefin
27
1716
-
-
-
-
-
-
-
-
-
-
-
-
MHz
=
H _Feedback_D ivide
H_Reference_D ivide
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-27
1716
27
-
-
-
-
-
-
-
-
-
-
-
-
×
1716
1
-
-
-
-
-
-
-
-
-
-
-
-
=
=
∴
Video_Res_G enlock
47
log
2 625
3
10
9
–
×
()
×
×
1716
×
()
+
37
==
Video_Cap_G enlock
37
21
–
16
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com