Electronic Components Datasheet Search
  English  ▼

X  

GS4900B Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS4900B Datasheet HTML 25Page - Semtech Corporation GS4900B Datasheet HTML 26Page - Semtech Corporation GS4900B Datasheet HTML 27Page - Semtech Corporation GS4900B Datasheet HTML 28Page - Semtech Corporation GS4900B Datasheet HTML 29Page - Semtech Corporation GS4900B Datasheet HTML 30Page - Semtech Corporation GS4900B Datasheet HTML 31Page - Semtech Corporation GS4900B Datasheet HTML 32Page - Semtech Corporation GS4900B Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
29 of 102
Timing Output Drive Current
–
IO_VDD = 1.8V
current drive =
LOW
–5
–
mA
–
–
IO_VDD = 3.3V
current drive =
LOW
–10
–
mA
–
–
IO_VDD = 1.8V
current drive =
HIGH
–7
–
mA
–
–
IO_VDD = 3.3V
current drive =
HIGH
–14
–
mA
–
Clock Output Drive Current
–
IO_VDD = 1.8V
current drive =
LOW
–5
–
mA
–
–
IO_VDD = 3.3V
current drive =
LOW
–7
–
mA
–
–
IO_VDD = 1.8V
current drive =
HIGH
–7
–
mA
–
–
IO_VDD = 3.3V
current drive =
HIGH
–14
–
mA
–
Output Voltage LVDS, Common
Mode
VOCM
–
1.125
1.25
1.375
V
3
Output Voltage LVDS,
Differential
VODIFF
–
–
350
–
mV
3
LVDS High-impedance Leakage
Current
–
To 1.8V or GND
–
–
1.4
uA
–
NOTES
1. All DC and AC electrical parameters within specification.
2. Assuming that the current being sourced or sinked is less than the Timing Output Drive Current specified.
3. Into a 100
Ω termination connected between PCLK3 and PCLK3.
Table 2-1: DC Electrical Characteristics (Continued)
VDD = 1.8V, TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com