Electronic Components Datasheet Search
  English  ▼

X  

GS4900B Datasheet(PDF) 97 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 97 Page - Semtech Corporation

Back Button GS4900B Datasheet HTML 93Page - Semtech Corporation GS4900B Datasheet HTML 94Page - Semtech Corporation GS4900B Datasheet HTML 95Page - Semtech Corporation GS4900B Datasheet HTML 96Page - Semtech Corporation GS4900B Datasheet HTML 97Page - Semtech Corporation GS4900B Datasheet HTML 98Page - Semtech Corporation GS4900B Datasheet HTML 99Page - Semtech Corporation GS4900B Datasheet HTML 100Page - Semtech Corporation GS4900B Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
97 of 102
6. Package & Ordering Information
6.1 Package Dimensions
A
B
9.00
4.50
2X
2X
0.15 C
0.15 C
0.10 C
0.08 C
64X
SEATING PLANE
C
7.10+/-0.15
3.55
0.25+/-0.05
64X
0.10
C
AB
C
0.05
0.50
ALL DIMENSIONS IN MM
PIN 1 AREA
CENTRE TAB
45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com