Electronic Components Datasheet Search
  English  ▼

X  

AL5802LPL Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL5802LPL
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LPL Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL5802LPL Datasheet HTML 3Page - Diodes Incorporated AL5802LPL Datasheet HTML 4Page - Diodes Incorporated AL5802LPL Datasheet HTML 5Page - Diodes Incorporated AL5802LPL Datasheet HTML 6Page - Diodes Incorporated AL5802LPL Datasheet HTML 7Page - Diodes Incorporated AL5802LPL Datasheet HTML 8Page - Diodes Incorporated AL5802LPL Datasheet HTML 9Page - Diodes Incorporated AL5802LPL Datasheet HTML 10Page - Diodes Incorporated AL5802LPL Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AL5802LPL
Document number: DS38590 Rev. 3 - 2
7 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AL5802LPL
Application Information
The AL5802LPL is designed for driving low current LEDs with a typical LED current of 10mA to 100mA. It provides a cost-effective means for
driving low current LEDs compared with more complex switching regulator solutions. Furthermore, it reduces the PCB board area of the solution as
there is no need for external components like inductors, capacitors and switching diodes.
Figure 12 shows a typical application circuit diagram for driving an LED or string of LEDs. The NPN transistor Q1 measures the LED current by
sensing the voltage across an external resistor REXT. Q1 uses its VBE as a reference to set the voltage across REXT and controls the base current
into Q2. Q2 operates in linear mode to regulate the LED current. The LED current is expressed as follows:
ILED = VBE(Q1) / REXT
From this, for any required LED current, the necessary external resistor REXT can be calculated as follows:
REXT = VBE(Q1) / ILED
Two or more AL5802LPL devices can be connected in parallel to construct higher current LED strings as shown in Figure 13.
Consideration of the expected linear mode power dissipation must be factored into the design, with respect to the AL5802LPL's thermal resistance.
The maximum voltage across the device can be calculated by taking the maximum supply voltage minus the voltage across the LED string.
VCE(Q2) = VCC – VLED – VBE(Q1)
PD = VCE(Q2) * ILED + ( VCC – VBE(Q2) – VBE(Q1))
2 / R1
As the output current of AL5802LPL increases, it is necessary to provide appropriate thermal relief to the device. The power dissipation supported
by the device is dependent upon the properties of the PCB board material, the copper pad areas and the ambient temperature. The maximum
dissipation the device can handle is given as follows:
PD = ( TJ(MAX) - TA) /RθJA
Figure 12 Typical Application Circuit for
Linear Mode Current Sink LED Driver
Figure 13 Application Circuit for Increasing LED Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com