Electronic Components Datasheet Search
  English  ▼

X  

AL5802LPL Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL5802LPL
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LPL Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL5802LPL Datasheet HTML 3Page - Diodes Incorporated AL5802LPL Datasheet HTML 4Page - Diodes Incorporated AL5802LPL Datasheet HTML 5Page - Diodes Incorporated AL5802LPL Datasheet HTML 6Page - Diodes Incorporated AL5802LPL Datasheet HTML 7Page - Diodes Incorporated AL5802LPL Datasheet HTML 8Page - Diodes Incorporated AL5802LPL Datasheet HTML 9Page - Diodes Incorporated AL5802LPL Datasheet HTML 10Page - Diodes Incorporated AL5802LPL Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AL5802LPL
Document number: DS38590 Rev. 3 - 2
10 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AL5802LPL
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-6 (Type B)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-6 (Type B)
Seating Plane
D
E
D2
E2
e
b
L
z
z1
k
A
A1
C0.35
PIN1#ID
U-DFN3030-6 (Type B)
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
b
0.45
0.55
0.50
D
2.95
3.05
3.00
D2
2.30
2.50
2.40
e
–
–
0.95
E
2.95
3.05
3.00
E2
0.90
1.10
1.00
L
0.55
0.65
0.60
k
–
–
0.35
z
–
–
0.30
z1
–
–
0.05
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.950
G
0.200
X
0.600
X1
2.500
X2
2.600
Y
0.800
Y1
1.200
Y2
3.200
X1
X2
Y2 Y1
C
X
Y
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com