Electronic Components Datasheet Search
  English  ▼

X  

AL5802LPL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5802LPL
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LPL Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5802LPL Datasheet HTML 1Page - Diodes Incorporated AL5802LPL Datasheet HTML 2Page - Diodes Incorporated AL5802LPL Datasheet HTML 3Page - Diodes Incorporated AL5802LPL Datasheet HTML 4Page - Diodes Incorporated AL5802LPL Datasheet HTML 5Page - Diodes Incorporated AL5802LPL Datasheet HTML 6Page - Diodes Incorporated AL5802LPL Datasheet HTML 7Page - Diodes Incorporated AL5802LPL Datasheet HTML 8Page - Diodes Incorporated AL5802LPL Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AL5802LPL
Document number: DS38590 Rev. 3 - 2
2 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AL5802LPL
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
Code
D
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Typical Application Circuit
Pin Descriptions
Pin Number
Name
Function
1
BIAS
Biases the Open Collector Output Transistor
2
OUT
Open-Collector LED Driver Output
3
N/C
No Connection
4
REXT
Current Sense Pin
LED current sensing resistor should be connected from here to GND
5
EN
Enable Pin for PWM Dimming
Provides access to the base of Q2 and the collector of Q1
6
GND
Ground Reference Point for Setting LED Current
5802 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com