Electronic Components Datasheet Search
  English  ▼

X  

LM4852 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4852
Description  Integrated Audio Amplifier System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4852 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4852 Datasheet HTML 1Page - National Semiconductor (TI) LM4852 Datasheet HTML 2Page - National Semiconductor (TI) LM4852 Datasheet HTML 3Page - National Semiconductor (TI) LM4852 Datasheet HTML 4Page - National Semiconductor (TI) LM4852 Datasheet HTML 5Page - National Semiconductor (TI) LM4852 Datasheet HTML 6Page - National Semiconductor (TI) LM4852 Datasheet HTML 7Page - National Semiconductor (TI) LM4852 Datasheet HTML 8Page - National Semiconductor (TI) LM4852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4852
Integrated Audio Amplifier System
General Description
The LM4852 is an audio power amplifier system capable of
delivering 1.1W (typ) of continuous average power into a
mono 8
Ω bridged-tied load (BTL) with 1% THD+N and
60mW (typ) per channel of continuous average power into
stereo 32
Ω single-ended (SE) loads with 0.5% THD+N, us-
ing a 5V power supply.
The LM4852 features a 32 step digital volume control and
eight distinct output modes. The digital volume control and
output modes are programmed through a two-wire I
2C com-
patible control interface, that allows flexibility in routing and
mixing audio channels. The LM4852 has 3 channels: one
pair for a two-channel stereo signal and the third for a
single-channel mono input.
The LM4852 is designed for cellular phone, PDA, and other
portable handheld applications. It delivers high quality output
power from a surface-mount package and requires only
seven external components.
The industry leading micro SMD package only utilizes 2mm
x 2.3mm of PCB space, making the LM4852 the most space
efficient audio sub system available today.
Key Specifications
n
THD+N at 1kHz, 1.1W into 8
Ω BTL
1.0% (typ)
n
THD+N at 1kHz, 60mW into 32
Ω SE
0.5% (typ)
n
Single Supply Operation
2.6 to 5.0V
Features
n
1.1W (typ) output power with 8
Ω mono BTL load
n
60mW (typ) output power with stereo 32
Ω SE loads
n
I
2C programmable 32 step digital volume control
(-40.5dB to +6dB)
n
Eight distinct output modes
n
micro-SMD and LLP surface mount packaging
n
"Click and Pop" suppression circuitry
n
Thermal shutdown protection
n
Low shutdown current (0.1uA, typ)
Applications
n
Moblie Phones
n
PDAs
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20060632
FIGURE 1. Typical Audio Amplifier Application Circuit
May 2004
© 2004 National Semiconductor Corporation
DS200606
www.national.com


Similar Part No. - LM4852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
LM48520 TI2-LM48520 Datasheet
354Kb / 19P
LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
REVISED APRIL 2013
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
More results

Similar Description - LM4852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
Integrated Audio Amplifier System
logo
Intersil Corporation
ISL54000 INTERSIL-ISL54000 Datasheet
260Kb / 11P
Integrated Audio Amplifier Systems
October 17, 2007
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
Integrated Audio Amplifier Systems
October 30, 2007
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
Integrated Audio Amplifier Systems
October 30, 2007
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
logo
Renesas Technology Corp
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
Integrated Audio Amplifier Systems
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com