Electronic Components Datasheet Search
  English  ▼

X  

LM4852 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4852
Description  Integrated Audio Amplifier System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4852 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4852 Datasheet HTML 10Page - National Semiconductor (TI) LM4852 Datasheet HTML 11Page - National Semiconductor (TI) LM4852 Datasheet HTML 12Page - National Semiconductor (TI) LM4852 Datasheet HTML 13Page - National Semiconductor (TI) LM4852 Datasheet HTML 14Page - National Semiconductor (TI) LM4852 Datasheet HTML 15Page - National Semiconductor (TI) LM4852 Datasheet HTML 16Page - National Semiconductor (TI) LM4852 Datasheet HTML 17Page - National Semiconductor (TI) LM4852 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Information (Continued)
TABLE 1. Data Register
DATA
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Function
Volume Control
Output Mode Control
Name
V4
V3
V2
V1
V0
M2
M1
M0
Default
0000000
0
TABLE 2. Output Mode Selection
M2
M1
M0
Handsfree Speaker Output
Right Headphone Output
Left Headphone Output
Output Mode Number
0
0
0
SD
SD
SD
0
0
0
1
6dB x P
MUTE
MUTE
1
010
SD
P
P
2
0
1
1
G (R+L)
MUTE
MUTE
3
1
0
0
SD
G x R
Gx L
4
1
0
1
G (R+L) + 6dB x P
MUTE
MUTE
5
1
1
0
SD
(GxR) + P
(G x L) + P
6
1
1
1
6dB x P
(GxR) + P
(G x L) + P
7
P = Phone In
R=RIN
L= LIN
SD = Shutdown
MUTE = Mute Mode
G=LIN and RIN gain setting
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com