Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62021 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62021 Datasheet HTML 1Page - Texas Instruments TPS62021 Datasheet HTML 2Page - Texas Instruments TPS62021 Datasheet HTML 3Page - Texas Instruments TPS62021 Datasheet HTML 4Page - Texas Instruments TPS62021 Datasheet HTML 5Page - Texas Instruments TPS62021 Datasheet HTML 6Page - Texas Instruments TPS62021 Datasheet HTML 7Page - Texas Instruments TPS62021 Datasheet HTML 8Page - Texas Instruments TPS62021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
10
9
8
7
6
EN
VIN
VIN
GND
FB
PGND
PGND
SW
SW
MODE
DGQ PACKAGE
(TOP VIEW)
NOTE: The PowerPAD must be connected to GND.
1
2
3
4
5
10
9
8
7
6
EN
VIN
VIN
GND
FB
PGND
PGND
SW
SW
MODE
DRC PACKAGE
(TOP VIEW)
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable. Pulling EN to ground forces the device into shutdown mode. Pulling EN to VI enables the device. EN
should not be left floating and must be terminated.
VIN
2, 3
I
Supply voltage input
GND
4
Analog ground
FB
5
I
Feedback. Connect an external resistor divider to this pin.
If a fixed-output-voltage device is ued, connect FB directly to the output.
MODE
6
I
The difference between TPS6202x and TPS62021 is the logic level of the MODE pin. The TPS62021 has an
MODE
active-low MODE pin. The TPS6202x is forced into fixed-frequency PWM mode by pulling the MODE pin high.
Pulling the MODE pin low enables the Power Save Mode, operating in PFM mode (Pulse frequency modulation)
at light load current, and in fixed frequency PWM at medimum to heavy load currents. In contrast, the TPS62021
is forced into PWM mode by pulling the MODE pin low.
SW
7, 8
I/O
This is the switch pin of the converter and connected to the drain of the internal power MOSFETs
PGND
9, 10
Power ground
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com