Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62021 Datasheet HTML 12Page - Texas Instruments TPS62021 Datasheet HTML 13Page - Texas Instruments TPS62021 Datasheet HTML 14Page - Texas Instruments TPS62021 Datasheet HTML 15Page - Texas Instruments TPS62021 Datasheet HTML 16Page - Texas Instruments TPS62021 Datasheet HTML 17Page - Texas Instruments TPS62021 Datasheet HTML 18Page - Texas Instruments TPS62021 Datasheet HTML 19Page - Texas Instruments TPS62021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
THERMAL INFORMATION
TYPICAL APPLICATIONS
Vout
3.3V/0.6A
Vin
3.6V to 6.0V
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C3
10uF
C1
22pF
L1
3.3uH
C4
22uF
R2
110k
R1
620k
C2
150pF
C5
22uF
Vout
1.8V/0.6A
Vin
2.5V to 6.0V
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C3
10uF
C1
22pF
L1
6.8uH
C4
22uF
R2
240k
R1
620k
C2
68pF
VIN
Vout
1.2V/0.6A
Vin
2.5V to 6.0V
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C3
10uF
C1
33pF
L1
10uH
C4
10uF
R2
330k
R1
470k
C2
68pF
VIN
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
One of the most influential components on the thermal performance of a package is board design. In order to
take full advantage of the heat dissipating abilities of the PowerPAD™ packages, a board should be used that
acts similar to a heat sink and allows for the use of the exposed (and solderable), deep downset pad. For further
information please refer to Texas Instruments application note (SLMA002) PowerPAD Thermally Enhanced
Package.
The PowerPAD™ of the 10-pin MSOP package has an area of 1,52 mm
× 1,79 mm (±0,05 mm) and must be
soldered to the PCB to lower the thermal resistance. Thermal vias to the next layer further reduce the thermal
resistance.
Figure 17. Li-Ion to 3.3 V With Improved Load Transient Response
Figure 18. 1.8 V Output Using 6.8 µH Inductor
Figure 19. 1.2 V Output Using 10 µH Inductor
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com