Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62021 Datasheet HTML 7Page - Texas Instruments TPS62021 Datasheet HTML 8Page - Texas Instruments TPS62021 Datasheet HTML 9Page - Texas Instruments TPS62021 Datasheet HTML 10Page - Texas Instruments TPS62021 Datasheet HTML 11Page - Texas Instruments TPS62021 Datasheet HTML 12Page - Texas Instruments TPS62021 Datasheet HTML 13Page - Texas Instruments TPS62021 Datasheet HTML 14Page - Texas Instruments TPS62021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
1.6%
0.8%
VO
Comp High
Comp Low
Comp Low 2
PWM Mode at Medium to Full Load
PFM Mode at Light Load
DYNAMIC VOLTAGE POSITIONING
MODE (AUTOMATIC PWM/PFM OPERATION AND FORCED PWM OPERATION)
100% DUTY CYCLE LOW DROPOUT OPERATION
V
I
min + VO max ) IO max
r
DS(on)
max ) RL
(2)
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
DETAILED DESCRIPTION (continued)
Figure 14. Power Save Mode Thresholds and Dynamic Voltage Positioning
The converter enters the fixed frequency PWM mode as soon as the output voltage falls below the comp low 2
threshold.
As described in the power save mode operation sections before and as detailed in Figure 14 the output voltage
is typically 0.8% (i.e., 1% on average) above the nominal output voltage at light load currents, as the device is in
power save mode. This gives additional headroom for the voltage drop during a load transient from light load to
full load. In the other direction during a load transient from full load to light load the voltage overshoot is also
minimized by turning on the N-Channel rectifier switch to pull the output voltage actively down.
Connecting the MODE pin of the TPS6202x to GND enables the automatic PWM and power save mode
operation. The converter operates in fixed frequency PWM mode at moderate to heavy loads and in the PFM
mode during light loads, maintaining high efficiency over a wide load current range.
Pulling the TPS6202x MODE pin high forces the converter to operate constantly in the PWM mode even at light
load currents. The advantage is the converter operates with a fixed switching frequency that allows simple
filtering of the switching frequency for noise sensitive applications. In this mode, the efficiency is lower compared
to the power save mode during light loads (see Figure 1 to Figure 3). For additional flexibility it is possible to
switch from power save mode to forced PWM mode during operation. This allows efficient power management
by adjusting the operation of the TPS6202x to the specific system requirements.
The difference between the TPS6202x and the TPS62021 is the logic level of the MODE pin. The TPS62021 has
an active-low MODE pin. Pulling the TPS62021 MODE pin high enables the automatic PWM and Power Save
Mode.
The TPS6202x offers a low input to output voltage difference while still maintaining regulation with the use of the
100% duty cycle mode. In this mode, the P-Channel switch is constantly turned on. This is particularly useful in
battery powered applications to achieve longest operation time by taking full advantage of the whole battery
voltage range. i.e. The minimum input voltage to maintain regulation depends on the load current and output
voltage and can be calculated as:
with:
• I
O(max) = maximum output current plus inductor ripple current
• r
DS(on)max = maximum P-channel switch tDS(on).
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com