Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments TPS62060 Datasheet HTML 10Page - Texas Instruments TPS62060 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Zero-Pole
AMP.
Integrator
Error Amp.
PFMComparator
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF
FB
SW
EN
AVIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
FB
AGND
Internal
FB
Network*
PVIN
PGND
3MHz
Clock
R
Discharge
VREF
FB
PG
MODE/
PGComparator*
MODE*
PG
TPS62060, TPS62061, TPS62063
www.ti.com
SLVSA95B – MARCH 2010 – REVISED JULY 2015
8 Detailed Description
8.1 Overview
The TPS62060 step down converter operates with typically 3-MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. At light load currents the converter can automatically enter power
save mode and operates then in pulse frequency modulation (PFM) mode.
During PWM operation the converter use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the high-side MOSFET switch is
turned on. The current flows now from the input capacitor through the high-side MOSFET switch through the
inductor to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips
and the control logic will turn off the switch. The current limit comparator will also turn off the switch in case the
current limit of the high-side MOSFET switch is exceeded. After a dead time preventing shoot through current,
the low-side MOSFET rectifier is turned on and the inductor current ramps down. The current flows now from the
inductor to the output capacitor and to the load. It returns back to the inductor through the low-side MOSFET
rectifier.
The next cycle will be initiated by the clock signal again turning off the low-side MOSFET rectifier and turning on
the high-side MOSFET switch.
8.2 Functional Block Diagram
* Function depends on device option
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62060 TPS62061 TPS62063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com