Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments TPS62060 Datasheet HTML 10Page - Texas Instruments TPS62060 Datasheet HTML 11Page - Texas Instruments TPS62060 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS62060, TPS62061, TPS62063
SLVSA95B – MARCH 2010 – REVISED JULY 2015
www.ti.com
8.3 Feature Description
8.3.1 Mode Selection
The MODE pin allows mode selection between forced PWM mode and power save mode.
Connecting this pin to GND enables the power save mode with automatic transition between PWM and PFM
mode. Pulling the MODE pin high forces the converter to operate in fixed frequency PWM mode even at light
load currents. This allows simple filtering of the switching frequency for noise sensitive applications. In this mode,
the efficiency is lower compared to the power save mode during light loads.
The condition of the MODE pin can be changed during operation and allows efficient power management by
adjusting the operation mode of the converter to the specific system requirements.
8.3.2 Enable
The device is enabled by setting EN pin to high. At first, the internal reference is activated and the internal
analog circuits are settled. Afterwards, the soft start is activated and the output voltage is ramped up. The output
voltages reaches 95% of its nominal value within tSTART of typically 500 µs after the device has been enabled.
The EN input can be used to control power sequencing in a system with various DC-DC converters. The EN pin
can be connected to the output of another converter, to drive the EN pin high and getting a sequencing of supply
rails. With EN = GND, the device enters shutdown mode. In this mode, all circuits are disabled and the SW pin is
connected to PGND through an internal resistor to discharge the output.
8.3.3 Clock Dithering
To reduce the noise level of switch frequency harmonics in the higher RF bands, the TPS6206x family has a
built-in clock-dithering circuit. The oscillator frequency is slightly modulated with a sub clock causing a clock
dither of typically 6 ns.
8.3.4 Undervoltage Lockout
The undervoltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery. It disables the output stage of the converter once the falling VIN trips the
undervoltage lockout threshold VUVLO. The undervoltage lockout threshold VUVLO for falling VIN is typically 1.78 V.
The device starts operation once the rising VIN trips undervoltage lockout threshold VUVLO again at typically 1.95
V.
8.3.5 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 150°C (typical) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned off. The device continues its operation when the junction
temperature falls below the thermal shutdown hysteresis.
8.4 Device Functional Modes
8.4.1 Soft Start
The TPS6206x has an internal soft start circuit that controls the ramp up of the output voltage. Once the
converter is enabled and the input voltage is above the undervoltage lockout threshold VUVLO the output voltage
ramps up from 5% to 95% of its nominal value within tRamp of typically 250 µs.
This limits the inrush current in the converter during start-up and prevents possible input voltage drops when a
battery or high impedance power source is used.
During soft start, the switch current limit is reduced to 1/3 of its nominal value ILIMF until the output voltage
reaches 1/3 of its nominal value. Once the output voltage trips this threshold, the device operates with its
nominal current limit ILIMF.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62060 TPS62061 TPS62063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com