Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 12Page - Texas Instruments TPS62060 Datasheet HTML 13Page - Texas Instruments TPS62060 Datasheet HTML 14Page - Texas Instruments TPS62060 Datasheet HTML 15Page - Texas Instruments TPS62060 Datasheet HTML 16Page - Texas Instruments TPS62060 Datasheet HTML 17Page - Texas Instruments TPS62060 Datasheet HTML 18Page - Texas Instruments TPS62060 Datasheet HTML 19Page - Texas Instruments TPS62060 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TimeBase-2ms/Div
SW
2V/Div
1V/Div
V
OUT
EN
1V/Div
V
=3.6V,
V
=1.8V,
C
=10 F,
NoLoad
IN
OUT
OUT
m
TimeBase-100 ms/Div
2V/Div
500mA/Div
2 A/Div
1V/Div
500mA/Div
V
=3.6V,
V
=1.8V,
Load=2R2
IN
OUT
L =1.2 H,
C
=10 F
m
m
OUT
TimeBase-100 ms/Div
500mV/Div
V
=3.6Vto4.2V,
V
=1.8V,
I
=50mA,
L =1.2 H,
C
=10
IN
OUT
OUT
OUT
m
mF
50mV/Div
TPS62060, TPS62061, TPS62063
SLVSA95B – MARCH 2010 – REVISED JULY 2015
www.ti.com
Figure 21. Line Transient PFM Mode
Figure 22. Start-Up into Load – VOUT 1.8 V
Figure 23. Output Discharge
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62060 TPS62061 TPS62063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com