Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP22
Description  2X2 800 Mbps LVDS Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP22 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CP22 Datasheet HTML 1Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 2Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 3Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 4Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 5Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 6Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 7Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 8Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
SET
Input to SEL Setup Time, Figures 1, 2
(Note 5)
0.7
0.5
ns
T
HOLD
Input to SEL Hold Time, Figures 1, 2
(Note 5)
1.0
0.5
ns
T
SWITCH
SEL to Switched Output, Figures 1, 2
0.9
1.2
1.7
ns
T
PHZ
Disable Time (Active to TRI-STATE) High to Z, Figure 3
2.1
4.0
ns
T
PLZ
Disable Time (Active to TRI-STATE) Low to Z, Figure 3
3.0
4.5
ns
T
PZH
Enable Time (TRI-STATE to Active) Z to High, Figure 3
25.5
55.0
ns
T
PZL
Enable Time (TRI-STATE to Active) Z to Low, Figure 3
25.5
55.0
ns
T
LHT
Output Low-to-High Transition Time, 20% to 80%, Figure 5
290
400
580
ps
T
HLT
Output High-to-Low Transition Time, 80% to 20%, Figure 5
290
400
580
ps
T
JIT
LVDS Data Path Peak to Peak Jitter,
(Note 6)
V
ID = 300mV; 50% Duty Cycle;
V
CM = 1.2V at 800Mbps
40
90
ps
V
ID = 300mV; PRBS=2
23-1 data
pattern; V
CM = 1.2V at 800Mbps
75
190
ps
T
PLHD
Propagation Low to High Delay, Figure 6
0.9
1.3
1.6
ns
Propagation Low to High Delay, Figure 6
V
CC = 3.3V, TA = 25˚C
1.0
1.3
1.5
ns
T
PHLD
Propagation High to Low Delay, Figure 6
0.9
1.3
1.6
ns
Propagation High to Low Delay, Figure 6
V
CC = 3.3V, TA = 25˚C
1.0
1.3
1.5
ns
T
SKEW
Pulse Skew |T
PLHD -TPHLD|
0
225
ps
T
CCS
Output Channel-to-Channel Skew, Figure 7
35
80
ps
Note 4: The parameters are guaranteed by design. The limits are based on statistical analysis of the device performance over PVT (process, voltage and
temperature) range.
Note 5: TSET and THOLD time specify that data must be in a stable state before and after the SEL transition.
Note 6: The parameters are guaranteed by design. The limits are based on statistical analysis of the device performance over PVT range with the following
equipment test setup: HP70004A (display mainframe) with HP70841B (pattern generator), 5 feet of RG-142 cable with DUT test board and HP83480A (digital scope
mainframe) with HP83483A (20GHz scope module).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com