Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP22
Description  2X2 800 Mbps LVDS Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP22 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS90CP22 Datasheet HTML 2Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 3Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 4Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 5Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 6Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 7Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 8Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 9Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS90CP22 Pin Description
Pin Name
# of Pin
Input/Output
Description
IN+
2
I
Non-inverting LVDS input
IN -
2
I
Inverting LVDS input
OUT+
2
O
Non-inverting LVDS Output
OUT -
2
O
Inverting LVDS Output
EN
2
I
A logic low on the Enable puts the LVDS output into
TRI-STATE and reduces the supply current
SEL
2
I
2:1 mux input select
GND
1
P
Ground
V
CC
1
P
Power Supply
NC
2
No Connect
Application Information
MODES OF OPERATION
The DS90CP22 provides three modes of operation. In the
1:2 splitter mode, the two outputs are copies of the same
single input. This is useful for distribution / fan-out applica-
tions. In the repeater mode, the device operates as a 2
channel LVDS buffer. Repeating the signal restores the
LVDS amplitude, allowing it to drive another media segment.
This allows for isolation of segments or long distance appli-
cations. The switch mode provides a crosspoint function.
This can be used in a system when primary and redundant
paths are supported in fault tolerant applications.
INPUT FAIL-SAFE
The receiver inputs of the DS90CP22 do not have internal
fail-safe biasing. For point-to-point and multidrop applica-
tions with a single source, fail-safe biasing may not be
required. When the driver is off, the link is in-active. If fail-
safe biasing is required, this can be accomplished with ex-
ternal high value resistors. The IN+ should be pull to Vcc with
10k
Ω and the IN− should be pull to Gnd with 10kΩ. This
provides a slight positive differential bias, and sets a known
HIGH state on the link with a minimum amount of distortion.
UNUSED LVDS INPUTS
Unused LVDS Receiver inputs should be tied off to prevent
the high-speed sensitive input stage from picking up noise
signals. The open input to IN+ should be pull to Vcc with
10k
Ω and the open input to IN− should be pull to Gnd with
10k
Ω.
UNUSED CONTROL INPUTS
The SEL and EN control input pins have internal pull down
devices. Unused pins may be tied off or left as no-connect (if
a LOW state is desired).
EXPANDING THE NUMBER OF OUTPUT PORTS
To expand the number of output ports, more than one
DS90CP22 can be used. Total propagation delay through the
devices should be considered to determine the maximum
expansion. For example, if2X4is desired, than three of the
DS90CP22 are required. A minimum of two device propaga-
tion delays (2 x 1.3ns = 2.6ns (typ)) can be achieved. For a
2 X 8, a total of 7 devices must be used with propagation
delay of 3 x 1.3ns = 3.9ns (typ). The power consumption will
increase proportional to the number of devices used.
PCB LAYOUT AND POWER SYSTEM BYPASS
Circuit board layout and stack-up for the DS90CP22 should
be designed to provide noise-free power to the device. Good
layout practice also will separate high frequency or high level
inputs and outputs to minimize unwanted stray noise pickup,
feedback and interference. Power system performance may
be greatly improved by using thin dielectrics (4 to 10 mils) for
power/ground sandwiches. This increases the intrinsic ca-
pacitance of the PCB power system which improves power
supply filtering, especially at high frequencies, and makes
the value and placement of external bypass capacitors less
critical. External bypass capacitors should include both RF
ceramic and tantalum electrolytic types. RF capacitors may
use values in the range 0.01 µF to 0.1 µF. It is recommended
practice to use two vias at each power pin of the DS90CP22
as well as all RF bypass capacitor terminals. Dual vias
reduce the interconnect inductance by up to half, thereby
reducing interconnect inductance and extending the effec-
tive frequency range of the bypass components.
The outer layers of the PCB may be flooded with additional
ground plane. These planes will improve shielding and iso-
lation as well as increase the intrinsic capacitance of the
power supply plane system. Naturally, to be effective, these
planes must be tied to the ground supply plane at frequent
intervals with vias. Frequent via placement also improves
signal integrity on signal transmission lines by providing
short paths for image currents which reduces signal distor-
tion.
There are more common practices which should be followed
when designing PCBs for LVDS signaling. Please see Appli-
cation Note: AN-1108 for additional information.
COMPATIBILITY WITH LVDS STANDARD
The DS90CP22 is compatible with LVDS and Bus LVDS
Interface devices. It is enhanced over standard LVDS drivers
in that it is able to driver lower impedance loads with stan-
dard LVDS levels. Standard LVDS drivers provide 330mV
differential output with a 100
Ω load. The DS90CP22 pro-
vides 365mV with a 75
Ω load or 400mV with 100Ω loads.
This extra drive capability is useful in certain multidrop ap-
plications.
In backplane multidrop configurations, with closely spaced
loads, the effective differential impedance of the line is re-
duced. If the mainline has been designed for 100
Ω differen-
tial impedance, the loading effects may reduce this to the
70
Ω range depending upon spacing and capacitance load.
Terminating the line with a 75
Ω load is a better match than
with 100
Ω and reflections are reduced.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com