Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP22
Description  2X2 800 Mbps LVDS Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP22 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS90CP22 Datasheet HTML 2Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 3Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 4Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 5Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 6Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 7Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 8Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 9Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Block Diagram
10105301
Function Table
SEL0
SEL1
OUT0
OUT1
Mode
0
0
IN0
IN0
1:2 splitter
0
1
IN0
IN1
repeater
1
0
IN1
IN0
switch
1
1
IN1
IN1
1:2 splitter
Note: 0 = low, 1 = high
EN0 = EN1 = 1 for enable
Typical Performance Characteristics
Diff. Output Voltage (V
OD) vs. Resistive Load (RT)
10105311
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com