Electronic Components Datasheet Search
  English  ▼

X  

MSP4418G Datasheet(PDF) 63 Page - Micronas

Part # MSP4418G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4418G Datasheet(HTML) 63 Page - Micronas

Back Button MSP4418G Datasheet HTML 59Page - Micronas MSP4418G Datasheet HTML 60Page - Micronas MSP4418G Datasheet HTML 61Page - Micronas MSP4418G Datasheet HTML 62Page - Micronas MSP4418G Datasheet HTML 63Page - Micronas MSP4418G Datasheet HTML 64Page - Micronas MSP4418G Datasheet HTML 65Page - Micronas MSP4418G Datasheet HTML 66Page - Micronas MSP4418G Datasheet HTML 67Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
63
4.6.3.9. Analog Performance
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Specifications for 8-V Operation
SNR
Signal-to-Noise Ratio
from Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
90
93
dB
Input Level =
−20 dB with
resp. to VAICL, fsig = 1 kHz,
A-weighted
20 Hz...20 kHz
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
→
SCn_OUT_s1)
93
96
dB
Input Level =
−20 dB,
fsig = 1 kHz,
A-weighted
20 Hz...20 kHz
Volume = 0 dB
from I2S Input to SCART Output
SCn_OUT_s1)
90
93
dB
from I2S Input to Main/Aux-Output
DACp_s1)
90
93
dB
THD
Total Harmonic Distortion
from Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
0.01
0.03
%
Input Level =
−3 dBr with
resp. to VAICL, fsig = 1 kHz,
unweighted
20 Hz...20 kHz
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s
→
SCn_OUT_s1)
0.01
0.03
%
Input Level =
−3 dBr,
fsig = 1 kHz,
unweighted
20 Hz...20 kHz
from I2S Input to SCART Output
SCn_OUT_s1)
0.01
0.03
%
from I2S Input to Main or Aux Out-
put
DACA_s,
DACM_s1)
0.01
0.03
%
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com