Electronic Components Datasheet Search
  English  ▼

X  

MSP4418G Datasheet(PDF) 23 Page - Micronas

Part # MSP4418G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4418G Datasheet(HTML) 23 Page - Micronas

Back Button MSP4418G Datasheet HTML 19Page - Micronas MSP4418G Datasheet HTML 20Page - Micronas MSP4418G Datasheet HTML 21Page - Micronas MSP4418G Datasheet HTML 22Page - Micronas MSP4418G Datasheet HTML 23Page - Micronas MSP4418G Datasheet HTML 24Page - Micronas MSP4418G Datasheet HTML 25Page - Micronas MSP4418G Datasheet HTML 26Page - Micronas MSP4418G Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
23
MODUS
00 30hex
MODUS Register
General MSP 44x8G Options
bit[15]
0
undefined, must be 0
bit[14:13]
detected 4.5 MHz carrier is interpreted as:1)
0
standard M (Korea)
1
standard M (BTSC)
2
standard M (Japan)
3
Carrier at 4.5 MHz is ignored (chroma carrier)
Preference in Automatic Standard Detection:
bit[12]
detected 6.5 MHz carrier is interpreted as:1)
0
standard L (SECAM)
1
standard D/K1, D/K2, or D/K NICAM
bit[11:9]
0
undefined, must be 0
bit[8]
0/1
ANA_IN_1
+/ANA_IN_2+;
select analog sound IF input pin
bit[7]
0/1
active/tristate state of audio clock output pin
AUD_CL_OUT
bit[6]
word strobe alignment (synchronous I2S)
0
WS changes at data word boundary
1
WS changes one clock cycle in advance
bit[5]
0/1
master/slave mode of I2S interface (must be set to 0
(= Master) in case of NICAM mode)
bit[4]
0/1
active/tristate state of I2S output pins
bit[3]
state of digital output pins D_CTR_I/O_0 and _1
0
active: D_CTR_I/O_0 and _1 are output pins
(can be set by means of the ACB register.
see also: MODUS[1])
1
tristate: D_CTR_I/O_0 and _1 are input pins
(level can be read out of STATUS[4,3])
bit[2]
0
undefined, must be 0
bit[1]
0/1
disable/enable STATUS change indication by means of
the digital I/O pin D_CTR_I/O_1
Necessary condition: MODUS[3] = 0 (active)
bit[0]
0/1
off/on: Automatic Sound Select
MODUS
1) Valid at the next start of Automatic Standard Detection.
Table 3–9: Write Registers on I2C Subaddress 10hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com