Electronic Components Datasheet Search
  English  ▼

X  

MSP4418G Datasheet(PDF) 28 Page - Micronas

Part # MSP4418G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4418G Datasheet(HTML) 28 Page - Micronas

Back Button MSP4418G Datasheet HTML 24Page - Micronas MSP4418G Datasheet HTML 25Page - Micronas MSP4418G Datasheet HTML 26Page - Micronas MSP4418G Datasheet HTML 27Page - Micronas MSP4418G Datasheet HTML 28Page - Micronas MSP4418G Datasheet HTML 29Page - Micronas MSP4418G Datasheet HTML 30Page - Micronas MSP4418G Datasheet HTML 31Page - Micronas MSP4418G Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
28
Micronas
SOURCE SELECT AND OUTPUT CHANNEL MATRIX
00 08hex
00 09hex
00 0Ahex
00 41hex
00 0Bhex
00 0Chex
00 38hex
00 39hex
Source for:
Main Output
Aux Output
SCART1 DA Output
SCART2 DA Output
I2S Output
Quasi-Peak Detector
Mix1 Input
Mix2 Input
bit[15:8]
0
“FM/AM”: demodulated FM or AM mono signal
1
“Stereo or A/B”: demodulator Stereo or A/B signal
3
“Stereo or A”: demodulator Stereo Sound or
Language A (only defined for Automatic Sound Select)
4
“Stereo or B”: demodulator Stereo Sound or
Language B (only defined for Automatic Sound Select)
2
SCART input
5I2S1 input
6I2S2 input
7I2S3 input
15
Mix output
For demodulator sources, see Table 2–2.
SRC_MAIN
SRC_AUX
SRC_SCART1
SRC_SCART2
SRC_I2S
SRC_QPEAK
SRC_MIX1
SRC_MIX2
00 08hex
00 09hex
00 0Ahex
00 41hex
00 0Bhex
00 0Chex
00 38hex
00 39hex
Matrix Mode for:
Main Output
Aux Output
SCART1 DA Output
SCART2 DA Output
I2S Output
Quasi-Peak Detector
Mix1 Input
Mix2 Input
bit[7:0]
00hex
Sound A Mono (or Left Mono)
10hex
Sound B Mono (or Right Mono)
20hex
Stereo (transparent mode)
30hex
Mono (sum of left and right inputs divided by 2)
More modes are listed in Section 6.5.1.
In Automatic Sound Select mode, the demodulator source channels are set
according to Table 2–2. Therefore, the matrix modes of the corresponding output
channels should be set to “Stereo” (transparent).
MAT_MAIN
MAT_AUX
MAT_SCART1
MAT_SCART2
MAT_I2S
MAT_QPEAK
MAT_MIX1
MAT_MIX2
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com