Electronic Components Datasheet Search
  English  ▼

X  

CPS20.481 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # CPS20.481
Description  POWER SUPPLY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CPS20.481 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  CPS20.481 Datasheet HTML 1Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 2Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 3Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 4Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 5Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 6Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 7Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 8Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CPS20.481
C-Series
48V, 10A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
100-264Vac
continuous operation
min.
85-100Vac
short term or with output derating (1%/V) or with
reduced ambient temperature, see Fig. 15-1,
no damage between 0 and 100Vac
min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
max.
300Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
84Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
39Vac
steady-state value at 2.5A load, see Fig. 3-1
typ.
53Vac
steady-state value at 5A load, see Fig. 3-1
typ.
74Vac
steady-state value at 10A load, see Fig. 3-1
AC 100V
AC 120V
AC 230V
Input current
typ.
5.25A
4.36A
2.33A
at 48V, 10A, see Fig. 3-3
Power factor*)
typ.
0.99
0.99
0.95
at 48V, 10A, see Fig. 3-4
Crest factor**)
typ.
1.5
1.5
1.65
at 48V, 10A
Start-up delay
typ.
850ms
850ms
650ms
see Fig. 3-2
Rise time
typ.
90ms
90ms
90ms
at 48V, 10A const. current load,
0mF load capacitance, see Fig. 3-2
typ.
230ms
230ms
230ms
at 48V, 10A const. current load,
10mF load capacitance, see Fig. 3-2
Turn-on overshoot
max.
200mV
200mV
200mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
4/26
300Vac
264V
Start-up
Rise
delay
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 48V
Fig. 3-4 Power factor vs. output load
12A
12
345678
9
0
1
2
3
4
5
6A
Input Current, typ.
10 11
230V
ac
120
Vac
10
0V
ac
Output Current
Power Factor, typ.
123
45
6
78
9
12A
0.75
0.8
0.85
0.9
0.95
1.0
230Vac
100Vac, 120Vac
10 11
Output Current
Apr. 2014 / Rev. 1.5 DS-CPS20.481-EN
All parameters are specified at 48V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com