Electronic Components Datasheet Search
  English  ▼

X  

CPS20.481 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # CPS20.481
Description  POWER SUPPLY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CPS20.481 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

Back Button CPS20.481 Datasheet HTML 3Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 4Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 5Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 6Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 7Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 8Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 9Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 10Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 11Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CPS20.481
C-Series
48V, 10A, SINGLE PHASE INPUT
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Output voltage in “parallel use”
mode, typ.
Output Voltage (Single Use, typ.)
0
0
12.5
8
16
24
56V
32
40
48
20A
7.5
2.5
5
10
15 17.5
Adjustment
Range
Output Current
Continuous
current
Factory
setting
Hiccup
mode
Output Voltage (Parallel Use, typ.)
42V
048
44V
46V
48V
56V
50V
52V
54V
12A
10
6
2
Adjustment
Range
Factory
setting
Output Current
Fig. 6-3 Short-circuit on output, HiccupPLUS mode, typ.
Fig. 6-4 Dynamic overcurrent capability, typ.
Output
Current
7/26
0
20A
18s
18s
18s
2s
2s
2s
t
Short -circuit
Normal
operation
Normal
operation
Output Voltage (dynamic behavior, < 15ms)
0
8
16
24
56V
32
40
48
0
50A
20
10
30
40
515
25
35
45
Adjustment
Range
Output Current
Apr. 2014 / Rev. 1.5 DS-CPS20.481-EN
All parameters are specified at 48V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com