Electronic Components Datasheet Search
  English  ▼

X  

CPS20.481 Datasheet(PDF) 23 Page - Red Lion Controls. Inc

Part # CPS20.481
Description  POWER SUPPLY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CPS20.481 Datasheet(HTML) 23 Page - Red Lion Controls. Inc

Back Button CPS20.481 Datasheet HTML 18Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 19Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 20Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 21Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 22Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 23Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 24Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 25Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 26Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
CPS20.481
C-Series
48V, 10A, SINGLE PHASE INPUT
22.5. PARALLEL USE TO INCREASE OUTPUT POWER
23/26
CPS20.481 power supplies can be paralleled to increase the output power. The
output voltage of all power supplies shall be adjusted to the same value
(±100mV) in “Single use” mode with the same load conditions on all units, or
the units can be left with the factory settings. After the adjustments, the
jumper on the front of the unit shall be moved from “Single use” to “Parallel
use”, in order to achieve load sharing. The “Parallel use” mode regulates the
output voltage in such a manner that the voltage at no load is approx. 4%
higher than at nominal load. See also chapter 6. If no jumper is plugged in, the
unit is in “Single use” mode. Factory setting is “Single use” mode.
If more than three units are connected in parallel, a fuse or circuit breaker
with a rating of 15A or 16A is required on each output. Alternatively, a diode or redundancy module can also be
utilized.
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
Energize all units at the same time to avoid the overload HiccupPLUS mode. It also might be necessary to cycle the input
power (turn-off for at least five seconds), if the output was in HiccupPLUS mode due to overload or short circuits and the
required output current is higher than the current of one unit.
Keep an installation clearance of 15mm (left / right) between two power supplies and avoid installing the power
supplies on top of each other. Do not use power supplies in parallel in mounting orientations other than the standard
mounting orientation (terminals on bottom of the unit) or in any other condition where a derating of the output
current is required (e.g. altitude, above 60°C, …).
Pay attention that leakage current, EMI, inrush current, harmonics will increase when using multiple power supplies.
22.6. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for redundancy to gain higher system availability. Redundant systems require a
certain amount of extra power to support the load in case one power supply unit fails. The simplest way is to put two
power supplies in parallel. This is called a 1+1 redundancy. In case one power supply unit fails, the other one is
automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in a N+1 method. E.g. five power supplies, each rated for 10A are paralleled to build a 40A
redundant system. For N+1 redundancy the same restrictions apply as for increasing the output power, see also section
22.5.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit in
the secondary side of the power supply. In such a case, the defective unit becomes a load for the other power supplies
and the output voltage can not be maintained any more. This can be avoided by utilizing redundancy modules, which
have decoupling devices (diodes or mosfets) included. Further information and wiring configurations can be found in
chapter 21.3.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Set the power supply into “Parallel use” mode.
c)
Monitor the individual power supply units. Therefore, use the DC-OK relay contact of the CPS20 power supply.
d)
It is desirable to set the output voltages of all units to the same value (± 100mV) or leave it at the factory setting.
Apr. 2014 / Rev. 1.5 DS-CPS20.481-EN
All parameters are specified at 48V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com